Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6139A2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6139A2
Description  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6139A2 Datasheet HTML 1Page - Texas Instruments TPA6139A2 Datasheet HTML 2Page - Texas Instruments TPA6139A2 Datasheet HTML 3Page - Texas Instruments TPA6139A2 Datasheet HTML 4Page - Texas Instruments TPA6139A2 Datasheet HTML 5Page - Texas Instruments TPA6139A2 Datasheet HTML 6Page - Texas Instruments TPA6139A2 Datasheet HTML 7Page - Texas Instruments TPA6139A2 Datasheet HTML 8Page - Texas Instruments TPA6139A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPA6139A2
www.ti.com
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS
VDD = 3.3V, RLoad = 32Ω, TA = 25°C, Charge pump: CCP = 1.0 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V, input ac-coupled
0.5
1
mV
PSRR
Power-supply rejection ratio
70
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.05
V
Vuvp_on
PVDD, under voltage detection
2.8
V
Vuvp_hysteresis PVDD, under voltage detection, hysteresis
200
mV
Fcp
Charge pump switching frequency
350
kHz
|IIH|
High-level input current, MUTE
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, MUTE
VDD = 3.3 V, VIL = 0 V
1
µA
I (VDD)
Supply current, no load
VDD, MUTE = 3.3 V
25
mA
Supply current, MUTED
VDD = 3.3 V, MUTE = GND
25
mA
Tsd
Thermal shutdown
150
°C
Thermal shutdown hysteresis
15
°C
PO
Output Power, outputs in phase
THD+N = 1%, f = 1kHz, 32
Ω load
25
mW
THD+N = 1%, f = 1kHz, 32
Ω load
0.9
VO
Output Voltage, outputs in phase
Vrms
THD+N = 1%, f = 1kHz, 600
Ω load
2.0
Total Harmonic distortion plus noise
f = 1kHz, 32
Ω load, Po= 25mW, -1x
0.03%
THD+N
gain
Total Harmonic distortion plus noise
f = 1kHz, 10k
Ωload, Vo=2 Vrms, -1x
0.005%
THD+N
gain
ΔAV
Gain matching
Between left and right channels
0.25
dB
ZO
Output impedance when muted
MUTE = GND
1
Ω
Input to output attenuation when muted
MUTE = GND
80
dB
A-weighted, AES17 filter, 1Vrms ref
SNR
Signal to noise ratio
99
dB
32
Ω load, -1x gain
A-weighted, AES17 filter, 2Vrms ref
105
Signal to noise ratio
dB
600
Ω load, -1x gain
Vn
Noise voltage
A-weighted, AES17 filter, Gain=-2x
12
µV
Slew rate
4.5
V/µs
Gbw
Unity Gain bandwidth
8
MHz
Crosstalk
Channel to channel
f = 1kHz, Rload = 32
Ω, Po= 25mW
–85
dB
Vincm_pos
Positive Common mode input voltage
+2.0
V
Vincm_neg
Negative Common mode input voltage
–2.0
V
Ilim
Output current limit
60
mA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPA6139A2


Similar Part No. - TPA6139A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTR TI1-TPA6139A2RGTR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTT TI1-TPA6139A2RGTT Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Similar Description - TPA6139A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com