Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR8S Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCR8S
Description  Silicon Controlled Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR8S Datasheet(HTML) 2 Page - Motorola, Inc

  MCR8S Datasheet HTML 1Page - Motorola, Inc MCR8S Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCR8S SERIES
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C; RGK = 1.0 KΩ unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Forward Blocking Current
TJ = 25°C
Peak Reverse Blocking Current
TJ = 110°C
(VAK = Rated VDRM or VRRM, Gate Open) (1)
IDRM
IRRM
10
500
µA
ON CHARACTERISTICS
Peak On-State Voltage (ITM = 16 A) (2)
VTM
1.4
1.8
Volts
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 Ω) (3)
IGT
5.0
20
200
µA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 Ω)
VGT
0.5
0.65
1.0
Volts
Hold Current (Anode Voltage =12 V)
IH
0.5
1.0
6.0
mA
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off–State Voltage
(VD = 67% of Rated VDRM, Exponential Waveform, TJ = 110°C)
(dv/dt)
2.0
10
V/
µs
(1)
Devices shall not have a positive gate voltage concurrently with a negative voltage on the anode. Devices should not be tested with a constant
current source for forward and reverse blocking capability such that the voltage applied exceeds the rated blocking voltage.
(2)
Pulse test: P.W.
≤ 2ms, Duty Cycle ≤ 2%.
(3)
Does not include RGK current.
PACKAGE DIMENSIONS
CASE 221A–06
(TO-220AB)
STYLE 3:
PIN 1. CATHODE
2. ANODE
3. GATE
4. ANODE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MCR8S/D
*MCR8S/D*


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn