Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

445I32EMXXXXX Datasheet(PDF) 2 Page - CTS Corporation

Part # 445I32EMXXXXX
Description  Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

445I32EMXXXXX Datasheet(HTML) 2 Page - CTS Corporation

  445I32EMXXXXX Datasheet HTML 1Page - CTS Corporation 445I32EMXXXXX Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document No. 008-0360-0
Page 2 - 2
Rev. B
Model 445
Quartz Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
Frequency Range
Operating Mode
Crystal Cut
Frequency Tolerance @ +25°C
Frequency Stability Tolerance
(Operating Temperature Range, Referenced to 25°C Reading)
0°C to +50°C
-10°C to +60°C
-20°C to +70°C
-40°C to +85°C
10 MHz - < 12 MHz
100 Ohms
12 MHz - < 16 MHz
50 Ohms
16 MHz - < 30 MHz
40 Ohms
30 MHz - < 50 MHz
30 Ohms
Load Capacitance or Resonance Mode
Shunt Capacitance (C0)
Drive Level
Aging @ +25°C
Storage Temperature Range
VALUE
Equivalent Series Resistance [Maximum]
See Ordering Information
5.0 pF Typical, 7.0 pF Maximum
Operating Temperature Ranges
10 MHz to 50 MHz
Fundamental
AT-Cut
±20 ppm, ±30 ppm
±10 ppm, ±15 ppm,
±20 ppm, ±30 ppm, ±50 ppm
-40°C to +85°C
10 µW Min., 100 µW Typ., 300 µW Max.
±3 ppm/yr Typical
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
M445
CDXXX
TABLE I – DATE CODE
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
MONTH
JAN
FEB
MAR
DEC
YEAR
AUG
SEP
OCT
NOV
APR
MAY
JUN
JUL
NOTES
1. Complete CTS part number, frequency value,
date code and manufacturing site code
information must appear on reel and carton
labels.
2. Termination pads (e4); barrier plating is nickel
[Ni] with gold [Au] flash plate.
3. Reflow conditions per JEDEC J-STD-020; 260°C
maximum, 10 seconds.
MARKING INFORMATION
1. M445 - CTS Model Series.
2. C – CTS.
3. D – Date code. See Table I for codes.
4. XXX – Frequency code.
120 = 12.00 143 = 14.31818 200 = 20.00 245 = 24.5760 270 = 27.00
130 = 13.00 160 = 16.0000 240 = 24.00 250 = 25.0000 300 = 30.00
Frequency Code
SUGGESTED SOLDER PAD GEOMETRY


Similar Part No. - 445I32EMXXXXX

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
445-8600 CAMBION-445-8600 Datasheet
25Kb / 1P
   Connectaball Test Lead
445-8601 CAMBION-445-8601 Datasheet
26Kb / 1P
   Connectaball Test Lead
logo
Festo Corporation.
4450 FESTO-4450 Datasheet
82Kb / 1P
   Air solenoid valve
logo
Spectrum Microwave, Inc...
445052 SPECTRUM-445052 Datasheet
54Kb / 1P
   FREQUENCY SYNTHESIZER
logo
API Technologies Corp
445052 APITECH-445052 Datasheet
165Kb / 1P
   FREQUENCY SYNTHESIZER
More results

Similar Description - 445I32EMXXXXX

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
   Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com