Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53RFN-B28-A15L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 53RFN-B28-A15L
Description  51/53 - Sealed 1/2 ??(12.5 mm) Square Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

53RFN-B28-A15L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  53RFN-B28-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 53RFN-B28-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 53RFN-B28-A15L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
32
1
(SINGLE AND DUAL MODULE SHOWN)
PACKAGE DIMENSIONS PCB MOUNTING BRACKET
PACKAGE DIMENSIONS
MODEL 51
SOLDER LUG TERMINALS
MODEL 53
ELECTRICAL SCHEMATIC
1
3 CW
CCW
2
ANTI-ROTATION LUG
(Style "A", 90 CW Shown)
0.41
(.016)
BUSHING DIAMETER
TOLERANCE
+0.80
( +.031)
2.20
(.087)
FOR TOLERANCES SHOWN: .XX = ±
(.010)
.XXX = ±
(.005)
SHAFT DIMENSIONS ±
(1/32)
5.70
(.224)
132 ° ± 5 ° CCW END
6.20
(.244)
BUSHING DIAMETER
TOLERANCE
+0.80
( +.031)
2.77
(.109)
6.35
(.250)
SHAFT FLAT
ORIENTATION
SUGGESTED PANEL LAYOUTS
The Model 50 can be used with either
of the two panel layouts shown below.
16.51 ± 0.25
(.650 ± .010)
8.89 ± 0.18
(.350 ± .007)
.64
( .025)
"L"
0.30
(.0118)
5.08 ± 0.30
(.200 ± .012)
7.62 ± 0.30
(.300 ± .012)
12.5
(.492)
11.00
(.432)
DIA.
0.74
(.029)
6.25
(.246)
7.00
(.275)
6.60 ±0.38
(.260 ± .015)
.66 ± .05
(.026 ± .002)
3 X
2.54
(.100)
2.54
(.100)
.64
( .025)
"L"
5.08 ± 0.30
(.200 ± .012)
0.91 ± .051
(.036 ± .002)
6.35 ± .25
(.250 ± .010)
7.62 ± 0.30
(.300 ± .012)
1.32 ± 0.25
(.052 ± .010)
12.5
(.492)
11.00
(.432)
DIA.
0.74
(.029)
6.25
(.246)
7.00
(.275)
.41 ± .05
( .016 ± .002)
2 X
2 X
5.08
(.200)
2.54
(.100)
5.08
(.200)
2.40
(.094)
0.90
(.036)
4.70
(.185)
2 X
1.80
(.071)
5.0 ± 0.51
(.197 ± .020)
0.80 ± 0.30
(.031 ± .012)
1.52
(.060)
.25
.13
.80
(.100)
TERMINAL SPACING
2.54
6.60 ±0.38
(.260 ± .015)
(DOUBLE MODULE FRONT AND REAR BRACKET SHOWN)
1.32
(.052)
FMS
CL OF POT
2.54
(.100)
TYP.
1.27
(.050)
DIA.
4 PLCS.
1.02
(.040)
DIA.
6 PLCS.
6.35
(.250)
7.62
(.300)
5.08
(.200)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
51/53 - Sealed 1/2 ” (12.5 mm) Square Control
Product Dimensions
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 53RFN-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
logo
Advanced Micro Devices
53RS881 AMD-53RS881 Datasheet
267Kb / 5P
   HIGH PERFORMANCE 1024 X 8 REGISTERED PROM
53RS881A AMD-53RS881A Datasheet
267Kb / 5P
   HIGH PERFORMANCE 1024 X 8 REGISTERED PROM
More results

Similar Description - 53RFN-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
   Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
   Square Sealed Panel Control
logo
Vishay Siliconix
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com