Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR8DSM Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MCR8DSM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MCR8DSM Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR8DSM MCR8DSN
3
Motorola Thyristor Device Data
Figure 1. Average Current Derating
Figure 2. On–State Power Dissipation
Figure 3. On–State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Gate Trigger Current versus
Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus
Junction Temperature
6.0
0
IT(AV), AVERAGE ON–STATE CURRENT (AMPS)
110
105
100
IT(AV), AVERAGE ON–STATE CURRENT (AMPS)
3.0
6.0
0
8.0
4.0
2.0
0
5.0
0
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
100
10
1.0
0.1
t, TIME (ms)
1.0
0.1
1.0
0.1
0.01
4.0
–25
20
–40
TJ, JUNCTION TEMPERATURE (°C)
1000
10
TJ, JUNCTION TEMPERATURE (°C)
–25
65
–40
0.1
20
5.0
95
85
1.0
2.0
3.0
1.0
2.0
6.0
10
12
1.0
3.0
10
100
1000
10 K
50
110
65
5.0
110
35
50
80
dc
180
°
120
°
90
°
60
°
a = 30°
dc
180
°
120
°
90
°
60
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 110°C
ZqJC(t) = RqJC(t)Sr(t)
a = 30°
1.0
1.0
5.0
2.0
–10
35
95
100
–10
95
80
4.0
5.0
90
4.0
GATE OPEN
RGK = 1.0 KW
a
a = Conduction
Angle
a
a = Conduction
Angle


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn