Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR8DSM Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCR8DSM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MCR8DSM Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR8DSM MCR8DSN
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C; RGK = 1.0 KW unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Peak Reverse Gate Blocking Voltage
(IGR = 10 mA)
VGRM
10
12.5
18
Volts
Peak Forward Blocking Current
Peak Reverse Blocking Current
(VAK = Rated VDRM or VRRM) (1)
TJ = 25°C
TJ = 110°C
IDRM
IRRM
10
500
mA
Peak Reverse Gate Blocking Current
(VGR = 10 V)
IRGM
1.2
mA
Peak On–State Voltage (2)
(ITM = 16 A)
VTM
1.4
1.8
Volts
Gate Trigger Current (Continuous dc) (3)
(VD = 12 V, RL = 100 W, TJ = 25°C)
(VD = 12 V, RL = 100 W, TJ = –40°C)
IGT
5.0
12
200
300
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 W, TJ = 25°C)
(VD = 12 V, RL = 100 W, TJ = –40°C)
(VD = 12 V, RL = 100 W, TJ = 110°C)
VGT
0.45
0.2
0.65
1.0
1.5
Volts
Holding Current
(VD = 12 V, I(init) = 200 mA, TJ = 25°C)
(VD = 12 V, I(init) = 200 mA, TJ = –40°C)
IH
0.5
1.0
6.0
10
mA
Latching Current
(VD = 12 V, IG = 2.0 mA, TJ = 25°C)
(VD = 12 V, IG = 2.0 mA, TJ = –40°C)
IL
0.5
1.0
6.0
10
mA
DYNAMIC CHARACTERISTICS
Characteristics
Symbol
Min
Typ
Max
Unit
Total Turn–On Time
(Source Voltage = 12 V, RS = 6.0 KW, IT = 16 A(pk), RGK = 1.0 KW)
(VD = Rated VDRM, Rise Time = 20 ns, Pulse Width = 10 ms)
tgt
2.0
5.0
ms
Critical Rate of Rise of Off–State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform,
RGK = 1.0 KW, TJ = 110°C)
dv/dt
2.0
10
V/
ms
(1) Ratings apply for negative gate voltage or RGK = 1.0 KW. Devices shall not have a positive gate voltage concurrently with a negative voltage
on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the voltage
applied exceeds the rated blocking voltage.
(2) Pulse Test; Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.
(3) Does not include RGK current.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn