Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X5V0G0R5WTXXXX Datasheet(PDF) 7 Page - TDK Electronics

Part # C0603X5V0G0R5WTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603X5V0G0R5WTXXXX Datasheet(HTML) 7 Page - TDK Electronics

Back Button C0603X5V0G0R5WTXXXX Datasheet HTML 3Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 4Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 5Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 6Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 7Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 8Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 9Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 10Page - TDK Electronics C0603X5V0G0R5WTXXXX Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 9
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402C0G1C100E
C0G
16V
10
± 0.20pF
0.20 ± 0.02
C0402C0G1C100D
C0G
16V
10
± 0.50pF
0.20 ± 0.02
C0402C0G1C110G
C0G
16V
11
± 2%
0.20 ± 0.02
C0402C0G1C110J
C0G
16V
11
± 5%
0.20 ± 0.02
C0402C0G1C120G
C0G
16V
12
± 2%
0.20 ± 0.02
C0402C0G1C120J
C0G
16V
12
± 5%
0.20 ± 0.02
C0402C0G1C130G
C0G
16V
13
± 2%
0.20 ± 0.02
C0402C0G1C130J
C0G
16V
13
± 5%
0.20 ± 0.02
C0402C0G1C150G
C0G
16V
15
± 2%
0.20 ± 0.02
C0402C0G1C150J
C0G
16V
15
± 5%
0.20 ± 0.02
C0402C0G1C160G
C0G
16V
16
± 2%
0.20 ± 0.02
C0402C0G1C160J
C0G
16V
16
± 5%
0.20 ± 0.02
C0402C0G1C180G
C0G
16V
18
± 2%
0.20 ± 0.02
C0402C0G1C180J
C0G
16V
18
± 5%
0.20 ± 0.02
C0402C0G1C200G
C0G
16V
20
± 2%
0.20 ± 0.02
C0402C0G1C200J
C0G
16V
20
± 5%
0.20 ± 0.02
C0402C0G1C220G
C0G
16V
22
± 2%
0.20 ± 0.02
C0402C0G1C220J
C0G
16V
22
± 5%
0.20 ± 0.02
C0402C0G1C240G
C0G
16V
24
± 2%
0.20 ± 0.02
C0402C0G1C240J
C0G
16V
24
± 5%
0.20 ± 0.02
C0402C0G1C270G
C0G
16V
27
± 2%
0.20 ± 0.02
C0402C0G1C270J
C0G
16V
27
± 5%
0.20 ± 0.02
C0402C0G1C300G
C0G
16V
30
± 2%
0.20 ± 0.02
C0402C0G1C300J
C0G
16V
30
± 5%
0.20 ± 0.02
C0402C0G1C330G
C0G
16V
33
± 2%
0.20 ± 0.02
C0402C0G1C330J
C0G
16V
33
± 5%
0.20 ± 0.02
C0402C0G1C360G
C0G
16V
36
± 2%
0.20 ± 0.02
C0402C0G1C360J
C0G
16V
36
± 5%
0.20 ± 0.02
C0402C0G1C390G
C0G
16V
39
± 2%
0.20 ± 0.02
C0402C0G1C390J
C0G
16V
39
± 5%
0.20 ± 0.02
C0402C0G1C430G
C0G
16V
43
± 2%
0.20 ± 0.02
C0402C0G1C430J
C0G
16V
43
± 5%
0.20 ± 0.02
C0402C0G1C470G
C0G
16V
47
± 2%
0.20 ± 0.02
C0402C0G1C470J
C0G
16V
47
± 5%
0.20 ± 0.02
C0402C0G1C510G
C0G
16V
51
± 2%
0.20 ± 0.02
C0402C0G1C510J
C0G
16V
51
± 5%
0.20 ± 0.02
C0402C0G1C560G
C0G
16V
56
± 2%
0.20 ± 0.02
C0402C0G1C560J
C0G
16V
56
± 5%
0.20 ± 0.02
C0402C0G1C620G
C0G
16V
62
± 2%
0.20 ± 0.02
C0402C0G1C620J
C0G
16V
62
± 5%
0.20 ± 0.02
C0402C0G1C680G
C0G
16V
68
± 2%
0.20 ± 0.02
C0402C0G1C680J
C0G
16V
68
± 5%
0.20 ± 0.02
C0402C0G1C750G
C0G
16V
75
± 2%
0.20 ± 0.02
C0402C0G1C750J
C0G
16V
75
± 5%
0.20 ± 0.02
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0402 [EIA CC01005]


Similar Part No. - C0603X5V0G0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X512J5GACAUTO KEMET-C0603X512J5GACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G Flex, Ceramic, 5100 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 0603
C0603X512J5GACTU KEMET-C0603X512J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G Flex, Ceramic, 5100 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
C0603X512J5JACTU KEMET-C0603X512J5JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 5100 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
C0603X560J5GACTU KEMET-C0603X560J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G Flex, Ceramic, 56 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
C0603X561J1RAC KEMET-C0603X561J1RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
More results

Similar Description - C0603X5V0G0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com