Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC31X2EVM Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC31X2EVM
Description  SBOU096A?밡ovember 2010?밨evised January 2011
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC31X2EVM Datasheet(HTML) 3 Page - Texas Instruments

  DAC31X2EVM Datasheet HTML 1Page - Texas Instruments DAC31X2EVM Datasheet HTML 2Page - Texas Instruments DAC31X2EVM Datasheet HTML 3Page - Texas Instruments DAC31X2EVM Datasheet HTML 4Page - Texas Instruments DAC31X2EVM Datasheet HTML 5Page - Texas Instruments DAC31X2EVM Datasheet HTML 6Page - Texas Instruments DAC31X2EVM Datasheet HTML 7Page - Texas Instruments DAC31X2EVM Datasheet HTML 8Page - Texas Instruments DAC31X2EVM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DAC31x2
J13
J12
J10
J11
J9
J13
J9
TSW3100
Ethernet
PC
+5 V
+5 V/GND
PSA
LO Source
CLK Source
www.ti.com
Testing and Configuration
2
Testing and Configuration
This section outlines the basic procedure for testing the DAC31x2EVM.
2.1
Test Set-Up
Figure 2 illustrates the test configuration for general testing of the DAC31x2 with the TSW3100 pattern
generation card.
Figure 2. DAC31x2EVM Test Setup
2.2
Test Set-Up Connections
Follow these procedures to properly connect the DAC31x2EVM and the TSW3100 pattern generator.
TSW3100 Pattern Generator:
Connect a 5-V power supply to J9, the 5V_IN jack of the TSW3100EVM.
Connect the PC Ethernet port to J13, the Ethernet port of the TSW3100. The cable should be a
standard crossover Cat5e Ethernet cable.
DAC31x2EVM:
Connect the J5 connector of DAC31x2EVM to connector J74 of the TSW3100EVM.
Connect 5 V and Ground to connectors J12 and J13 respectively.
Provide a 0.5-V
RMS, 500-MHz (max) clock at J9, the CLOCK IN SMA port of the DAC31x2EVM.
Provide a 7-dBm, 350-MHz to 4-GHz local oscillator (LO) source at port J10 of the DAC31x2EVM. This
input provides the LO source to the TRF3703-33 modulators.
Connect the RF output port of (J11) to the spectrum analyzer.
DAC31x2EVM Jumpers:
Power distribution to the DAC31x2 and CDCP1803 devices on the EVM can be achieved through
low-dropout regulators (LDOs) or dc-dc converters. Jumpers JP24, JP25, JP26, and JP27 allow the
user to choose one of the power schemes from these two available options. The default setting of
these jumpers is shown; these settings use power management for the ICs through dc-dc switchers.
JP24 on pin {1,2}
JP25 on pin {1,2}
JP26 on pin {1,2}
JP27 on pin {1,2}
Jumper JP4 supplies power to the TRF3703-33 modulator. This jumper must be installed in order to use
the modulator.
3
SBOU096A – November 2010 – Revised January 2011
DAC31x2EVM
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - DAC31X2EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results

Similar Description - DAC31X2EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
   IEEE802.15.4-2011 UWB Transceiver
logo
Molex Electronics Ltd.
SD-105142-001 MOLEX5-SD-105142-001 Datasheet
1Mb / 4P
   LGA 2011-0 SOCKET
logo
PHOENIX CONTACT
1119248 PHOENIX-1119248 Datasheet
94Kb / 8P
   Wireless module - FL WLAN 2011
01/13/2022
logo
Bourns Electronic Solut...
CRM0805_1206_2010 BOURNS-CRM0805_1206_2010 Datasheet
300Kb / 3P
   CRM0805/1206/2010 Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com