Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR8DCM Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MCR8DCM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR8DCM Datasheet(HTML) 1 Page - Motorola, Inc

  MCR8DCM Datasheet HTML 1Page - Motorola, Inc MCR8DCM Datasheet HTML 2Page - Motorola, Inc MCR8DCM Datasheet HTML 3Page - Motorola, Inc MCR8DCM Datasheet HTML 4Page - Motorola, Inc MCR8DCM Datasheet HTML 5Page - Motorola, Inc MCR8DCM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for high volume, low cost, industrial and consumer applications
such as motor control; process control; temperature, light and speed control.
• Small Size
• Passivated Die for Reliability and Uniformity
• Low Level Triggering and Holding Characteristics
• Available in Two Package Styles
Surface Mount Lead Form — Case 369A
Miniature Plastic Package — Straight Leads — Case 369
ORDERING INFORMATION
• To Obtain “DPAK” in Surface Mount Leadform (Case 369A)
Shipped in Sleeves — No Suffix, i.e. MCR8DCN
Shipped in 16 mm Tape and Reel — Add “T4” Suffix to Device Number,
i.e. MCR8DCNT4
• To Obtain “DPAK” in Straight Lead Version (Case 369) Shipped in Sleeves —
Add “–1” Suffix to Device Number, i.e. MCR8DCN–1
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage (1)
Peak Repetitive Reverse Voltage
(TJ = –40 to 125°C)
MCR8DCM
MCR8DCN
VDRM
VRRM
600
800
Volts
On–State RMS Current
(All Conduction Angles; TC = 105°C)
IT(RMS)
8.0
Amps
Average On–State Current (All Conduction Angles; TC = 105°C)
IT(AV)
5.1
Peak Non–Repetitive Surge Current
(One Half Cycle, 60 Hz, TJ = 125°C)
ITSM
80
Circuit Fusing Consideration (t = 8.3 msec)
I2t
26
A2sec
Peak Gate Power
(Pulse Width
≤ 10 msec, TC = 105°C)
PGM
5.0
Watts
Average Gate Power
(t = 8.3 msec, TC = 105°C)
PG(AV)
0.5
Peak Gate Current (Pulse Width
≤ 10 msec, TC = 105°C)
IGM
2.0
Amps
Operating Junction Temperature Range
TJ
–40 to 125
°C
Storage Temperature Range
Tstg
–40 to 150
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (2)
RqJC
RqJA
RqJA
2.2
88
80
°C/W
Maximum Lead Temperature for Soldering Purposes (3)
TL
260
°C
(1) VDRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be
applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the device are exceeded.
(2) Surface mounted on minimum recommended pad size.
(3) 1/8
″ from case for 10 seconds.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MCR8DCM/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCR8DCM
MCR8DCN
SCRs
8.0 AMPERES RMS
600 thru 800 VOLTS
CASE 369A–13
STYLE 4
A
K
G
A
G
A
K
Motorola Preferred Devices
© Motorola, Inc. 1997


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn