Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4727A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DL4727A
Description  Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DL4727A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DL4727A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DL4727A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd DL4727A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VZnom
1)
IZT
for
rzjT
rzjK
at
IZK
IR
at
VR
Type
V
mA
Ω
Ω
mA
μ
A
V
DL4728A
3.3
76
<10
<400
1
<100
1
DL4729A
3.6
69
<10
<400
1
<100
1
DL4730A
3.9
64
<9
<400
1
<50
1
DL4731A
4.3
58
<9
<400
1
<10
1
DL4732A
4.7
53
<8
<500
1
<10
1
DL4733A
5.1
49
<7
<550
1
<10
1
DL4734A
5.6
45
<5
<600
1
<10
2
DL4735A
6.2
41
<2
<700
1
<10
3
DL4736A
6.8
37
<3.5
<700
1
<10
4
DL4737A
7.5
34
<4.0
<700
0. 5
<10
5
DL4738A
8.2
31
<4.5
<700
0. 5
<10
6
DL4739A
9.1
28
<5.0
<700
0. 5
<10
7
DL4740A
10
25
<7
<700
0.25
<10
7.6
DL4741A
11
23
<8
<700
0.25
<5
8.4
DL4742A
12
21
<9
<700
0.25
<5
9.1
DL4743A
13
19
<10
<700
0.25
<5
9.9
DL4744A
15
17
<14
<700
0.25
<5
11.4
DL4745A
16
15.5
<16
<700
0.25
<5
12.2
DL4746A
18
14
<20
<750
0.25
<5
13.7
DL4747A
20
12.5
<22
<750
0.25
<5
15.2
DL4748A
22
11.5
<23
<750
0.25
<5
16.7
DL4749A
24
10.5
<25
<750
0.25
<5
18.2
DL4750A
27
9.5
<35
<750
0.25
<5
20.6
DL4751A
30
8.5
<40
<1000
0.25
<5
22.8
DL4752A
33
7.5
<45
<1000
0.25
<5
25.1
DL4753A
36
7.0
<50
<1000
0.25
<5
27.4
DL4754A
39
6.5
<60
<1000
0.25
<5
29.7
DL4755A
43
6.0
<70
<1500
0.25
<5
32.7
DL4756A
47
5.5
<80
<1500
0.25
<5
35.8
DL4757A
51
5.0
<95
<1500
0.25
<5
38.8
DL4758A
56
4.5
<110
<2000
0.25
<5
42.6
DL4759A
62
4.0
<125
<2000
0.25
<5
47.1
DL4760A
68
3.7
<150
<2000
0.25
<5
51.7
DL4761A
75
3.3
<175
<2000
0.25
<5
56
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30℃,
9.5mm(3/8”) from the diode body.
DL4727A-DL4761A
Zener Diode
DL472
7A
3.
0
83
<10
<400
1
<100
1
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DL4727A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
logo
Galaxy Semi-Conductor H...
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
DL4728 LUGUANG-DL4728 Datasheet
192Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
More results

Similar Description - DL4727A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com