Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF06M Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DF06M
Description  Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DF06M Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DF06M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DF06M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1± 0.1
8.3± 0.1
5± 0.2
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead Pb/Sn copper
The plastic material has UL flammability classification
94V-0
Polarity : As marked on Body
Weight : 0.02 ounces, 0.38 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient mounted on P.C.B
with 0.5x0.5"(13x13mm) copper pads.
DF10M
DF08M
DF06M
DF04M
DF02M
DF005M DF01M
UNIT
CHARACTERISTICS
SYMBOL
1000
700
1000
800
560
800
600
420
600
400
280
400
200
140
200
50
35
50
100
70
100
VRMS
VDC
VRRM
I(AV)
IFSM
VF
@TA
=40 C
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
1.0
50
1.1
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
40
C/W
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125 C
@TJ =25 C
10
500
uA
V
A
A
V
V
V
10.4
A S
2
I t
2
I t Rating for fusing (t < 8.3ms)
2
CJ
25
pF
Typical Junction
Capacitance per element (Note 1)
DB-1
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
Dimensions in millimeters
DF005M-DF10M
Glass Passivated Bridge Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DF06M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF06M FAIRCHILD-DF06M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
DF06M SEMTECH_ELEC-DF06M Datasheet
214Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF06M DIODES-DF06M Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
DF06M DIODES-DF06M Datasheet
106Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 15 - 2
logo
Fuji Electric
DF06M FUJI-DF06M Datasheet
660Kb / 1P
   1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DF06M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com