Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMXN1309M390CTAS Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXN1309M390CTAS
Description  LMax SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXN1309M390CTAS Datasheet(HTML) 2 Page - AVX Corporation

  LMXN1309M390CTAS Datasheet HTML 1Page - AVX Corporation LMXN1309M390CTAS Datasheet HTML 2Page - AVX Corporation LMXN1309M390CTAS Datasheet HTML 3Page - AVX Corporation LMXN1309M390CTAS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
0705
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
1R0
1.0
M
100KHz, 0.1V
0.05
2.90
1R5
1.5
M
100KHz, 0.1V
0.06
2.60
2R2
2.2
M
100KHz, 0.1V
0.07
2.30
3R3
3.3
M
100KHz, 0.1V
0.08
2.00
4R7
4.7
M
100KHz, 0.1V
0.09
1.50
6R8
6.8
M
100KHz, 0.1V
0.13
1.20
8R2
8.2
M
100KHz, 0.1V
0.16
1.15
100
10
M
100KHz, 0.1V
0.16
1.10
150
15
M
100KHz, 0.1V
0.23
0.90
220
22
M
100KHz, 0.1V
0.37
0.70
330
33
M
100KHz, 0.1V
0.51
0.58
470
47
M
100KHz, 0.1V
0.64
0.50
680
68
M
100KHz, 0.1V
0.86
0.40
101
100
M
100KHz, 0.1V
1.27
0.31
151
150
M
100KHz, 0.1V
2.00
0.27
221
220
M
100KHz, 0.1V
3.11
0.22
331
330
M
100KHz, 0.1V
3.80
0.18
471
470
M
100KHz, 0.1V
5.06
0.16
681
680
M
100KHz, 0.1V
9.20
0.14
102
1000
M
100KHz, 0.1V
13.8
0.10
ELECTRICAL CHARACTERISTICS
0906
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
R18
0.18
N
100KHz, 0.1V
0.007
14.0
R33
0.33
N
100KHz, 0.1V
0.008
10.0
R56
0.56
N
100KHz, 0.1V
0.010
7.7
1R2
1.2
N
100KHz, 0.1V
0.017
5.3
2R2
2.2
N
100KHz, 0.1V
0.035
3.5
3R3
3.3
N
100KHz, 0.1V
0.040
3.0
4R7
4.7
N
100KHz, 0.1V
0.064
2.6
6R8
6.8
N
100KHz, 0.1V
0.080
2.2
100
10
M
100KHz, 0.1V
0.111
1.9
150
15
M
100KHz, 0.1V
0.170
1.5
220
22
M
100KHz, 0.1V
0.250
1.2
330
33
M
100KHz, 0.1V
0.350
0.99
470
47
M
100KHz, 0.1V
0.470
0.87
680
68
M
100KHz, 0.1V
0.730
0.67
101
100
M
100KHz, 0.1V
1.110
0.53
LMax SMD Power Inductor
LMXN Series – Non-Shielded Style C
LM
Family
LM = Power Inductor
XN
Series
XN = Non-shielded
1309
Size
1309 = 13x9xh
13E9 = 13x9xE(h)
(h = see catalog)
M
Tolerance
M = ±20%
N = ±30%
S
Packaging
S = 13" Reel
R04
Inductance
R04 = 0.039μH
R39 = 0.390μH
3R9 = 3.900μH
390 = 39.00μH
391 = 390.0μH
392 = 3900μH
C
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER


Similar Part No. - LMXN1309M390CTAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXN0705M291BTAS AVX-LMXN0705M291BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M390BTAS AVX-LMXN0705M390BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M392BTAS AVX-LMXN0705M392BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M3R9BTAS AVX-LMXN0705M3R9BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
More results

Similar Description - LMXN1309M390CTAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
   LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXNC AVX-LMXNC Datasheet
99Kb / 4P
   LMax SMD Power Inductor
LMXNB AVX-LMXNB Datasheet
90Kb / 2P
   LMax SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com