Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378B5773DH0 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # M378B5773DH0
Description  240pin Unbuffered DIMM based on 2Gb D-die
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378B5773DH0 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button M378B5773DH0 Datasheet HTML 22Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 23Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 24Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 25Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 26Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 27Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 28Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 29Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
- 26 -
datasheet
DDR3 SDRAM
Rev. 1.4
Unbuffered DIMM
16. Input/Output Capacitance
[ Table 14 ] Input/Output Capacitance
NOTE : This parameter is Component Input/Output Capacitance so that is different from Module level Capacitance.
1. Although the DM, TDQS and TDQS pins have different functions, the loading matches DQ and DQS
2. This parameter is not subject to production test. It is verified by design and characterization.
The capacitance is measured according to JEP147("PROCEDURE FOR MEASURING INPUT CAPACITANCE USING A VECTOR NETWORK ANALYZER( VNA)") with
VDD, VDDQ, VSS, VSSQ applied and all other pins floating (except the pin under test, CKE, RESET and ODT as necessary). VDD=VDDQ=1.5V, VBIAS=VDD/2 and on-die
termination off.
3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
4. Absolute value of CCK-CCK
5. Absolute value of CIO(DQS)-CIO(DQS)
6. CI applies to ODT, CS, CKE, A0-A15, BA0-BA2, RAS, CAS, WE.
7. CDI_CTRL applies to ODT, CS and CKE
8. CDI_CTRL=CI(CTRL)-0.5*(CI(CLK)+CI(CLK))
9. CDI_ADD_CMD applies to A0-A15, BA0-BA2, RAS, CAS and WE
10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CLK)+CI(CLK))
11. CDIO=CIO(DQ,DM) - 0.5*(CIO(DQS)+CIO(DQS))
12. Maximum external load capacitance on ZQ pin: 5pF
Parameter
Symbol
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
DDR3-1866
Units NOTE
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Input/output capacitance
(DQ, DM, DQS, DQS, TDQS, TDQS)
CIO
1.5
3.0
1.5
2.7
1.5
2.5
1.5
2.3
1.4
2.2
pF
1,2,3
Input capacitance
(CK and CK)
CCK
0.8
1.6
0.8
1.6
0.8
1.4
0.8
1.4
0.8
1.3
pF
2,3
Input capacitance delta
(CK and CK)
CDCK
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,4
Input capacitance
(All other input-only pins)
CI
0.75
1.5
0.75
1.5
0.75
1.3
0.75
1.3
0.75
1.2
pF
2,3,6
Input capacitance delta
(DQS and DQS)
CDDQS
0
0.2
0
0.2
0
0.15
0
0.15
0
0.15
pF
2,3,5
Input capacitance delta
(All control input-only pins)
CDI_CTRL
-0.5
0.3
-0.5
0.3
-0.4
0.2
-0.4
0.2
-0.4
0.2
pF
2,3,7,8
Input capacitance delta
(all ADD and CMD input-only pins)
CDI_ADD_CMD
-0.5
0.5
-0.5
0.5
-0.4
0.4
-0.4
0.4
-0.4
0.4
pF
2,3,9,10
Input/output capacitance delta
(DQ, DM, DQS, DQS, TDQS, TDQS)
CDIO
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
pF
2,3,11
Input/output capacitance of ZQ pin
CZQ
-
3
-
3
-
3
-
3
-
3
pF
2, 3, 12


Similar Part No. - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5773QB0-CK0/MA SAMSUNG-M378B5773QB0-CK0/MA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M378B2873GB0 SAMSUNG-M378B2873GB0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 1Gb G-die
logo
Hynix Semiconductor
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com