Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378B5773DH0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M378B5773DH0
Description  240pin Unbuffered DIMM based on 2Gb D-die
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378B5773DH0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M378B5773DH0 Datasheet HTML 4Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 5Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 6Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 7Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 8Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 9Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 10Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 11Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
- 8 -
datasheet
DDR3 SDRAM
Rev. 1.4
Unbuffered DIMM
8. Input/Output Functional Description
NOTE :
1. DM8, DQS8 and DQS8 are for ECC UDIMM only.
Symbol
Type
Function
CK0-CK1
CK0-CK1
SSTL
CK and CK are differential clock inputs. All the DDR3 SDRAM addr/cntl inputs are sampled on the crossing of positive
edge of CK and negative edge of CK. Output (read) data is reference to the crossing of CK and CK (Both directions of
crossing)
CKE0-CKE1
SSTL
Activates the SDRAM CK signal when high and deactivates the CK signal when low. By deactivating the clocks, CKE low
initiates the Power Down mode, or the Self-Refresh mode
S0-S1
SSTL
Enables the associated SDRAM command decoder when low and disables the command decoder when high. When the
command decoder is disabled, new command are ignored but previous operations continue. This signal provides for
external rank selection on systems with multiple ranks.
RAS, CAS, WE
SSTL
RAS, CAS, and WE (ALONG WITH S) define the command being entered.
ODT0-ODT1
SSTL
When high, termination resistance is enabled for all DQ, DQS, DQS and DM pins, assuming the function is enabled in the
Extended Mode Register Set (EMRS).
VREFDQ
Supply
Reference voltage for SSTL 15 I/O inputs.
VREFCA
Supply
Reference voltage for SSTL 15 command/address inputs.
VDDQ
Supply
Power supply for the DDR3 SDRAM output buffers to provide improved noise immunity. For all current DDR3 unbuffered
DIMM designs, VDDQ shares the same power plane as VDD pins.
BA0-BA2
SSTL
Selects which SDRAM bank of eight is activated.
A0-A14
SSTL
During a Bank Activate command cycle, Address input defines the row address (RA0-RA13)
During a Read or Write command cycle, Address input defines the column address, In addition to the column address,
AP is used to invoke autoprecharge operation at the end of the burst read or write cycle. If AP is high, autoprecharge is
selected and BA0, BA1, BA2 defines the bank to be precharged. If AP is low, autoprecharge is disabled. During a pre-
charge command cycle, AP is used in conjunction with BA0, BA1, BA2 to control which bank(s) to precharge. If AP is
high, all banks will be precharged regardless of the state of BA0, BA1 or BA2. If AP is low, BA0, BA1 and BA2 are used
to define which bank to precharge. A12(BC) is sampled during READ and WRITE commands to determine if burst chop
(on-the-fly) will be performed (HIGH, no burst chop; Low, burst chopped).
DQ0-DQ63
CB0-CB7
SSTL
Data and Check Bit Input/Output pins.
DM0-DM81
SSTL
DM is an input mask signal for write data. Input data is masked when DM is sampled High coincident with that input data
during a write access. DM is sampled on both edges of DQS. Although DM pins are input only, the DM loading matches
the DQ and DQS loading.
VDD,VSS
Supply
Power and ground for DDR3 SDRAM input buffers, and core logic. VDD and VDDQ pins are tied to VDD/VDDQ planes on
these modules.
DQS0-DQS81
DQS0-DQS81
SSTL
Data strobe for input and output data.
SA0-SA2
-
These signals and tied at the system planar to either VSS or VDDSPD to configure the serial SPD EERPOM address
range.
SDA
-
This bidirectional pin is used to transfer data into or out of the SPD EEPROM. An external resistor may be connected
from the SDA bus line to VDDSPD to act as a pull-up on the system board.
SCL
-
This signal is used to clock data into and out of the SPD EEPROM. An external resistor may be connected from the SCL
bus time to VDDSPD to act as a pull-up on the system board.
VDDSPD
Supply
Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ power plane. EEPROM supply is operable
from 3.0V to 3.6V.
RESET
-
The RESET pin is connected to the RESET pin on each DRAM. When low, all DRAMs are set to a know state.
EVENT
Output
This signal indicates that a thermal event has been detected in the thermal sensing device. The system should guarantee
the electrical level requirement is met for the EVENT pin on TS/SPD part


Similar Part No. - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5773QB0-CK0/MA SAMSUNG-M378B5773QB0-CK0/MA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M378B2873GB0 SAMSUNG-M378B2873GB0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 1Gb G-die
logo
Hynix Semiconductor
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com