Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378B5773DH0 Datasheet(PDF) 33 Page - Samsung semiconductor

Part # M378B5773DH0
Description  240pin Unbuffered DIMM based on 2Gb D-die
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378B5773DH0 Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button M378B5773DH0 Datasheet HTML 29Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 30Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 31Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 32Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 33Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 34Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 35Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 36Page - Samsung semiconductor M378B5773DH0 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
- 33 -
datasheet
DDR3 SDRAM
Rev. 1.4
Unbuffered DIMM
[ Table 20 ] Timing Parameters by Speed Bins for DDR3-800 to DDR3-1333 (Cont.)
Speed
DDR3-800
DDR3-1066
DDR3-1333
Units
NOTE
Parameter
Symbol
MIN
MAX
MIN
MAX
MIN
MAX
Command and Address Timing
DLL locking time
tDLLK
512
-
512
-
512
-
nCK
internal READ Command to PRECHARGE Command delay
tRTP
max
(4nCK,7.5ns)
-
max
(4nCK,7.5ns)
-
max
(4nCK,7.5ns)
-
e
Delay from start of internal write transaction to internal read com-
mand
tWTR
max
(4nCK,7.5ns)
-
max
(4nCK,7.5ns)
-
max
(4nCK,7.5ns)
-
e,18
WRITE recovery time
tWR
15
-
15
-
15
-
ns
e
Mode Register Set command cycle time
tMRD
4
-
4
-
4
-
nCK
Mode Register Set command update delay
tMOD
max
(12nCK,15ns)
-
max
(12nCK,15ns)
-
max
(12nCK,15ns)
-
CAS to CAS command delay
tCCD
4
-
4
-
4
-
nCK
Auto precharge write recovery + precharge time
tDAL(min)
WR + roundup (tRP / tCK(AVG))
nCK
Multi-Purpose Register Recovery Time
tMPRR
1
-
1
-
1
-
nCK
22
ACTIVE to PRECHARGE command period
tRAS
See “Speed Bins and CL, tRCD, tRP, tRC and tRAS for corresponding Bin” on page 42
ns
e
ACTIVE to ACTIVE command period for 1KB page size
tRRD
max
(4nCK,10ns)
-
max
(4nCK,7.5ns)
-
max
(4nCK,6ns)
-
e
ACTIVE to ACTIVE command period for 2KB page size
tRRD
max
(4nCK,10ns)
-
max
(4nCK,10ns)
-
max
(4nCK,7.5ns)
-
e
Four activate window for 1KB page size
tFAW
40
-
37.5
-
30
-
ns
e
Four activate window for 2KB page size
tFAW
50
-
50
-
45
-
ns
e
Command and Address setup time to CK, CK referenced to
VIH(AC) / VIL(AC) levels
tIS(base)
AC175
200
-
125
-
65
-
ps
b,16
tIS(base)
AC150
200+150
-
125+150
-
65+125
-
ps
b,16,27
Command and Address hold time from CK, CK referenced to
VIH(DC) / VIL(DC) levels
tIH(base)
DC100
275
-
200
-
140
-
ps
b,16
Control & Address Input pulse width for each input
tIPW
900
-
780
-
620
-
ps
28
Calibration Timing
Power-up and RESET calibration time
tZQinitI
512
-
512
-
512
-
nCK
Normal operation Full calibration time
tZQoper
256
-
256
-
256
-
nCK
Normal operation short calibration time
tZQCS
64
-
64
-
64
-
nCK
23
Reset Timing
Exit Reset from CKE HIGH to a valid command
tXPR
max(5nCK,
tRFC + 10ns)
-
max(5nCK,
tRFC + 10ns)
-
max(5nCK,
tRFC + 10ns)
-
Self Refresh Timing
Exit Self Refresh to commands not requiring a locked DLL
tXS
max(5nCK,tRF
C + 10ns)
-
max(5nCK,tRF
C + 10ns)
-
max(5nCK,tRF
C + 10ns)
-
Exit Self Refresh to commands requiring a locked DLL
tXSDLL
tDLLK(min)
-
tDLLK(min)
-
tDLLK(min)
-
nCK
Minimum CKE low width for Self refresh entry to exit timing
tCKESR
tCKE(min) +
1tCK
-
tCKE(min) +
1tCK
-
tCKE(min) +
1tCK
-
Valid Clock Requirement after Self Refresh Entry (SRE) or Power-
Down Entry (PDE)
tCKSRE
max(5nCK,
10ns)
-
max(5nCK,
10ns)
-
max(5nCK,
10ns)
-
Valid Clock Requirement before Self Refresh Exit (SRX) or Power-
Down Exit (PDX) or Reset Exit
tCKSRX
max(5nCK,
10ns)
-
max(5nCK,
10ns)
-
max(5nCK,
10ns)
-


Similar Part No. - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5773QB0-CK0/MA SAMSUNG-M378B5773QB0-CK0/MA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M378B5773DH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M378B2873GB0 SAMSUNG-M378B2873GB0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 1Gb G-die
logo
Hynix Semiconductor
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com