Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD12VV1BL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD12VV1BL
Description  Very low capacitance bidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VV1BL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD12VV1BL Datasheet HTML 3Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 4Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 5Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 6Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 7Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 8Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 9Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 10Page - NXP Semiconductors PESD12VV1BL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PESD12VV1BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 April 2012
7 of 12
NXP Semiconductors
PESD12VV1BL
Very low capacitance bidirectional ESD protection diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline DFN1006-2 (SOD882)
03-04-17
Dimensions in mm
0.55
0.47
0.65
0.62
0.55
0.50
0.46
cathode marking on top side (if applicable)
1.02
0.95
0.30
0.22
0.30
0.22
2
1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
10000
PESD12VV1BL
DFN1006-2
(SOD882)
4 mm pitch, 8 mm tape and reel
-315


Similar Part No. - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD12VV1BL LEIDITECH-PESD12VV1BL Datasheet
874Kb / 4P
   BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Nexperia B.V. All right...
PESD12VV1BL NEXPERIA-PESD12VV1BL Datasheet
765Kb / 11P
   Very low capacitance bidirectional ESD protection diode
14 October 2016
PESD12VV1BL-Q NEXPERIA-PESD12VV1BL-Q Datasheet
333Kb / 11P
   Very low capacitance bidirectional ESD protection diode
4 October 2022
PESD12VV1BLS NEXPERIA-PESD12VV1BLS Datasheet
222Kb / 11P
   Very low capacitance bidirectional ESD protection diode
6 January 2022
logo
NXP Semiconductors
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
More results

Similar Description - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
   Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
   Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
   Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
   Very low capacitance bidirectional ESD protection diode
1 April 2023
logo
NXP Semiconductors
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
   Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD NXP-PESD5V0V1BLD Datasheet
173Kb / 14P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
   Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD12VV1BLS NEXPERIA-PESD12VV1BLS Datasheet
222Kb / 11P
   Very low capacitance bidirectional ESD protection diode
6 January 2022
PESD5V0V1BB-Q NEXPERIA-PESD5V0V1BB-Q Datasheet
249Kb / 11P
   Very low capacitance bidirectional ESD protection diode
23 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com