Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS0606N0GTR Datasheet(PDF) 1 Page - AVX Corporation

Part # AS0606N0GTR
Description  Square Air Core RF Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS0606N0GTR Datasheet(HTML) 1 Page - AVX Corporation

  AS0606N0GTR Datasheet HTML 1Page - AVX Corporation AS0606N0GTR Datasheet HTML 2Page - AVX Corporation AS0606N0GTR Datasheet HTML 3Page - AVX Corporation AS0606N0GTR Datasheet HTML 4Page - AVX Corporation AS0606N0GTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AVX Square Air Core RF Inductors, part of the wound air core inductor
family, are ideal for RF circuits, broadband I/O filtering, frequency selection,
or impedance matching. The unique square cross section of the air core
inductor provides better performance, and offers manufacturing
advantages over toroidal coils.
GENERAL DESCRIPTION
AS
Air Core Inductor
(Square Cross
Section)
06
Size
Size
06 = 0806
07 = 0807
08 = 0908
05N5
Inductance
05N5 =5.5nH
06N0 = 6.0nH
12N3 = 12.3nH
J
Tolerance
G = 2%
J = 5%
K = 10%
T
Termination
T = Sn/Ag over Cu
(96.5% Sn, 3% Ag,
0.5% Cu)
R
Packaging
R = 7 inch reel
(2000 pieces per reel)
HOW TO ORDER
ELECTRICAL SPECIFICATIONS
AVX P/N
Turns
Inductance
Tolerance
Q
Test Freq.
DCR max
SRF
Ir max
(nH)
(%)
min.
(MHz)
(mΩ)
(GHz)
(A)
AS0605N5*TR
3
5.5
G, J, K
60
400
3.4
4.9
2.9
AS0606N0*TR
3
6
G, J, K
64
400
6
5.2
2.9
AS0608N9*TR
4
8.9
G, J, K
90
400
7
4.3
2.9
AS0612N3*TR
5
12.3
G, J, K
90
400
8
4.8
2.9
AS0615N7*TR
6
15.7
G, J, K
90
400
9
4.4
2.9
AS0619N4*TR
7
19.4
G, J, K
90
400
10
4
2.9
AS0706N9*TR
3
6.9
G, J, K
100
400
6
4.6
2.7
AS0710N2*TR
4
10.2
G, J, K
100
400
7
4
2.7
AS0711N2*TR
4
11.2
G, J, K
90
400
6.3
3.6
2.7
AS0713N7*TR
5
13.7
G, J, K
100
400
8
4.3
2.7
AS0717N0*TR
6
17
G, J, K
100
400
9
4
2.7
AS0722N0*TR
7
22
G, J, K
100
400
10
3.5
2.7
AS0808N1*TR
3
8.1
G, J, K
130
400
6
5.2
4.4
AS0812N1*TR
4
12.1
G, J, K
130
400
7
4.3
4.4
AS0814N7*TR
4
14.7
G, J, K
90
400
7.2
3
4.4
AS0816N6*TR
5
16.6
G, J, K
130
400
8
3.4
4.4
AS0821N5*TR
6
21.5
G, J, K
130
400
9
3.7
4.4
AS0823N0*TR
6
23
G, J, K
130
400
10
2.6
4.4
AS0825N0*TR
7
25
G, J, K
130
400
10
2.5
4.4
AS0827N3*TR
7
27.3
G, J, K
130
400
10
3.2
4.4
Note:
1. *Tolerance: G=±2%, J=±5%, K=±10%
2. Inductance & Q measured on the HP4291B. With HP16193A test fixture.
3. SRF measured using the HP8753E
4. Operating Temperature range: -40˚C to +125˚C
5. Electrical Specifications at 25˚C
6. MSL: Level 1
Square Air Core RF Inductors
AS Series
FEATURES
• Square cross section construction
• Available in 0806, 0807, and 0908 sizes
• 20 Inducance values ranging
from 5.5nH to 27.3nH
• High Q
• High Current
• Excellent SRF
Technical Data
All technical data related to an ambient temperature of +25˚C
Inductance Range
5.5nH to 27.3nH
Inductance Tolerance
2%, 5%, 10%
Rated Current
2.7A, 2.9A, 4.4A
Operating Temperature
-40˚C to +125˚C
Termination
96.5% Tin/3% Silver over 0.5% Copper
ELECTRICAL SPECIFICATIONS
APPLICATIONS
• RF Applications
• RF Circuits
• Broadband I/O Filtering
• Impedance Matching


Similar Part No. - AS0606N0GTR

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS06004PS-R PUIAUDIO-AS06004PS-R Datasheet
464Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS06008PS-R PUI-AS06008PS-R Datasheet
456Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
AS06008PS-R PUIAUDIO-AS06008PS-R Datasheet
456Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS0606N0GTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
logo
Coilcraft lnc.
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
   Square Air Core Inductors
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
   Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
   Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
   Square Air Core Inductors
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
   Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com