Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5610IYZ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5610IYZ
Description  DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package—Pb-Free/Green
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5610IYZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5610IYZ Datasheet HTML 5Page - Texas Instruments TLV5610IYZ Datasheet HTML 6Page - Texas Instruments TLV5610IYZ Datasheet HTML 7Page - Texas Instruments TLV5610IYZ Datasheet HTML 8Page - Texas Instruments TLV5610IYZ Datasheet HTML 9Page - Texas Instruments TLV5610IYZ Datasheet HTML 10Page - Texas Instruments TLV5610IYZ Datasheet HTML 11Page - Texas Instruments TLV5610IYZ Datasheet HTML 12Page - Texas Instruments TLV5610IYZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
SERIAL CLOCK FREQUENCY AND UPDATE RATE
f
sclkmax +
1
t
whmin )
t
wlmin
+ 30MHz
(2)
f
updatemax +
1
16 t
whmin )
t
wlmin
+ 1.95MHz
(3)
DATA FORMAT
REGISTER MAP
TLV5610IYZ
SBAS389A – JULY 2006 – REVISED JULY 2006
APPLICATION INFORMATION (continued)
The maximum serial clock frequency is given by:
The maximum update rate is given by:
Note that the maximum update rate is just a theoretical value for the serial interface because the settling time of
the DAC must also be considered.
The 16 bit data word consists of two parts:
1. Address bits (D15...D12)
2. Data bits (D11...D0)
Table 1. Data Format(1)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
Data
(1)
Ax: Address bits. See Table 2.
Table 2. Register Map
A3
A2
A1
A0
FUNCTION
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
DAC C
0
0
1
1
DAC D
0
1
0
0
DAC E
0
1
0
1
DAC F
0
1
1
0
DAC G
0
1
1
1
DAC H
1
0
0
0
CTRL0
1
0
0
1
CTRL1
1
0
1
0
Preset
1
0
1
1
Reserved
1
1
0
0
DAC A and B
1
1
0
1
DAC C and D
1
1
1
0
DAC E and F
1
1
1
1
DAC G and H
9
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn