Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5610IYZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5610IYZ
Description  DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5610IYZ Datasheet(HTML) 3 Page - Texas Instruments

  TLV5610IYZ Datasheet HTML 1Page - Texas Instruments TLV5610IYZ Datasheet HTML 2Page - Texas Instruments TLV5610IYZ Datasheet HTML 3Page - Texas Instruments TLV5610IYZ Datasheet HTML 4Page - Texas Instruments TLV5610IYZ Datasheet HTML 5Page - Texas Instruments TLV5610IYZ Datasheet HTML 6Page - Texas Instruments TLV5610IYZ Datasheet HTML 7Page - Texas Instruments TLV5610IYZ Datasheet HTML 8Page - Texas Instruments TLV5610IYZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV5610IYZ
SBAS389A – JULY 2006 – REVISED JULY 2006
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Fast
16
21
mA
No load, VREF = 4.096V, all inputs = DVDD or
IDD
Power-supply current
GND
Slow
6
8
mA
Power-down supply current
0.1
µA
POR
Power-on threshold
2
V
PSRR
Power-supply rejection ratio
Full-scale; see Note (1)
–60
dB
Static DAC Specifications
Resolution
12
Bits
INL
Integral nonlinearity
Code 40 to 4095, VREF = 2V, 4V
±2
±6
LSB
DNL
Differential nonlinearity
Code 40 to 4095, VREF = 2V, 4V
±0.5
±1
LSB
EZS
Zero-scale error (offset error at zero-scale)
±30
mV
EZS TC
Zero-scale error temperature coefficient
30
µV/°C
EG
Gain error
±0.6
% Full-Scale V
EG TC
Gain error temperature coefficient
10
ppm/
°C
Output Specifications
VO
Voltage output range
RL = 10kΩ
0
AVDD – 4
V
Output load regulation accuracy
RL = 2kΩ vs 10kΩ
±0.3
% Full-Scale V
Reference Input
VI
Input voltage range
0
AVDD
V
RI
Input resistance
100
k
CI
Input capacitance
5
pF
Fast
2.2
MHz
Reference input bandwidth
VREF = 0.4VPP + 2.048VDC, input code = 0x800
Slow
1.9
MHz
Reference feedthrough
VREF = 2VPP at 1kHz + 2.048VDC(2)
–84
dB
Digital Inputs
IIH
High-level digital input current
VI = DVDD
1
µA
IIL
Low-level digital input current
VI = 0V
–1
µA
CI
Input capacitance
8
pF
Digital Outputs
VOH
High-level digital output voltage
RL = 10kΩ
2.6
V
VOL
Low-level digital output voltage
RL = 10kΩ
0.4
V
Output voltage rise time
RL = 10kΩ, CL = 20pF, incl. propagation delay
7
20
ns
Analog Output Dynamic Performance
Fast
1
3
µs
tS(FS)
Output settling time(3), full-scale
RL = 10kΩ, CL = 1000pF
Slow
3
7
µs
Fast
0.5
1
µs
tS(CC)
Output settling time(4), code to code
RL = 10kΩ, CL = 1000pF
Slow
1
2
µs
Fast
4
10
V/
µs
SR
Slew rate(5)
RL = 10kΩ, CL = 1000pF
Slow
1
3
V/
µs
Glitch energy
See Note (6)
4
nV-s
Channel crosstalk
10kHz sine, 4VPP
–90
dB
(1)
Power-supply rejection ratio at full-scale is measured by varying AVDD and is given by the following equation:
PSRR = 20 log[(EG(AVDDmax) – EG(AVDDmin))]/VDDmax.
(2)
Reference feedthrough is measured at the DAC output with an input code = 0x000.
(3)
Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change of
0x80 to 0xFFF and 0xFFF to 0x080, respectively. Assured by design; not production tested.
(4)
Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change of one
count. The max time applies to code changes near zero scale or full-scale. Assured by design; not production tested.
(5)
Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
(6)
Code transition: 0x7FF to 0x800.
3
Submit Documentation Feedback


Similar Part No. - TLV5610IYZ

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
More results

Similar Description - TLV5610IYZ

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5614IYZ TI1-TLV5614IYZ Datasheet
666Kb / 25P
[Old version datasheet]   12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
Micrel Semiconductor
Micrel Semiconductor
MIC5388 MICREL-MIC5388 Datasheet
582Kb / 12P
   Dual 200mA Peak LDO in Wafer Level Chip Scale Package
AVG Semiconductors(HITEK)
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218 Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1225 AVAGO-VMMK-1225_15 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
Broadcom Corporation.
Broadcom Corporation.
VMMK-1225 BOARDCOM-VMMK-1225 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225 Datasheet
827Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
Broadcom Corporation.
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-1225-12 BOARDCOM-DEMO-VMMK-1225-12 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz