Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5610IYZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5610IYZ
Description  DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package—Pb-Free/Green
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5610IYZ Datasheet(HTML) 2 Page - Texas Instruments

  TLV5610IYZ Datasheet HTML 1Page - Texas Instruments TLV5610IYZ Datasheet HTML 2Page - Texas Instruments TLV5610IYZ Datasheet HTML 3Page - Texas Instruments TLV5610IYZ Datasheet HTML 4Page - Texas Instruments TLV5610IYZ Datasheet HTML 5Page - Texas Instruments TLV5610IYZ Datasheet HTML 6Page - Texas Instruments TLV5610IYZ Datasheet HTML 7Page - Texas Instruments TLV5610IYZ Datasheet HTML 8Page - Texas Instruments TLV5610IYZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TLV5610IYZ
SBAS389A – JULY 2006 – REVISED JULY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
TA
WCSP-20 PACKAGE(1)
–40
°C to +85°C
TLV5610IYZ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted)(1)
TLV5610IYZ
UNIT
Supply voltage (AVDD, DVDD to GND)
7
V
Reference input voltage range
– 0.3 to AVDD + 0.3
V
Digital input voltage range
– 0.3 to DVDD + 0.3
V
Operating free-air temperature range, TA
–40 to +85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
5V operation
4.5
5
5.5
V
Supply voltage, AVDD, DVDD
3V operation
2.7
3
3.3
V
High-level digital input, VIH
DVDD = 2.7V to 5.5V
2
V
Low-level digital input, VIL
DVDD = 2.7V to 5.5V
0..8
V
AVDD = 5V
GND
4.096
AVDD
V
Reference voltage, VREF
AVDD = 3V
GND
2.048
AVDD
V
Load resistance. RL
2
k
Load capacitance, CL
100
pF
Clock frequency, fCLK
30
MHz
Operating free-air temperature, TA
–40
+85
°C
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn