Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC15S10 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # RC15S10
Description  SILICON SILASTIC CELL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

RC15S10 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  RC15S10 Datasheet HTML 1Page - Shanghai Sunrise Electronics RC15S10 Datasheet HTML 2Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LT
VOLTAGE: 100 TO 1000V CURRENT: 15A
FEATURES
• Low cost
• High surge capability
• Solderable electrode surfaces
• Ideal for hybrids
MECHANICAL DATA
• Polarity: Bottom or upper electrode denotes
cathode according to the notice in
package
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
RC15S
01
RC15S
02
RC15S
04
RC15S
06
RC15S
08
RC15S
10
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
Maximum Average Forward Rectified Current
(Ta=55
oC)
(Note 2)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
(at rated DC blocking voltage)
Ta=150
oC
Typical Junction Capacitance
(Note 1)
CJ
Typical Thermal Resistance
(Note 3) Rθ(ja)
Storage and Operation Junction Temperature TSTG,TJ
Note:
1. Measured at 1 MHz and applied voltage of 4.0Vdc
2. When mounted to heat sink from body.
3. Thermal resistance from junction to ambient.
http://www.sse-diode.
RC15S01 THRU RC15S10
SILICON SILASTIC
CELL RECTIFIER
(Single-phase, half-wave, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load, de
current by 20%)
RATINGS
IF(AV)
15
IFSM
400
VF
0.95
1
-50 to +150
IR
10
500
300
TECHNICAL
SPECIFICATION
Dimensions in inches and (millimeters)


Similar Part No. - RC15S10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC15S10G SSE-RC15S10G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
More results

Similar Description - RC15S10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC10S01 SSE-RC10S01 Datasheet
14Kb / 1P
   SILICON SILASTIC CELL RECTIFIER
RC30S01 SSE-RC30S01 Datasheet
14Kb / 1P
   SILICON SILASTIC CELL RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
logo
Shanghai Sunrise Electr...
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
   SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
logo
Shanghai Sunrise Electr...
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
RC15S01G SSE-RC15S01G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
   6A SILICON RECTIFIER CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com