Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG221W-0700034-D0 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG221W-0700034-D0
Description  34W 700mA Dimmable LED Driver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG221W-0700034-D0 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG221W-0700034-D0 Datasheet HTML 1Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 2Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 3Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 4Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 5Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 6Page - Microsemi Corporation LXMG221W-0700034-D0 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LXMG2203
PRODUCTION DATASHEET
LXMG221W-0700034-D0
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2010
Rev. 1.1a, 2011-08-01
34W 700mA Dimmable LED Driver Module
TM
®
MECHANICAL DRA WING
Ø 12.7
70.0
80.0
60.0
78.0
5.0
26.0
Wire length is 160mm ± 5mm, stripped 12mm ± 2mm UL1015 AWG#18 16/30 stranded 105°C Input & Output wires; AWG#22 7/30 stranded
Control wires, all wires tinned. Please insure the wire nuts are installed correctly to prevent intermittent operation. Connecting the AC input to
Control or Output wires will result in damage to the module. Hole in center, mounting tab slot width 4mm.


Similar Part No. - LXMG221W-0700034-D0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG221W-0700034-D1 MICROSEMI-LXMG221W-0700034-D1 Datasheet
424Kb / 6P
   34W 700mA Dimming LED Driver Module
More results

Similar Description - LXMG221W-0700034-D0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG2203 MICROSEMI-LXMG2203 Datasheet
204Kb / 7P
   34W 700mA Dimmable LED Driver Module
LXMG221W-0700034-D1 MICROSEMI-LXMG221W-0700034-D1 Datasheet
424Kb / 6P
   34W 700mA Dimming LED Driver Module
LXMG221W-0700030-D0 MICROSEMI-LXMG221W-0700030-D0 Datasheet
277Kb / 8P
   30W 700mA Dimmable LED Driver Module
LXMG221D-0700040-D2F MICROSEMI-LXMG221D-0700040-D2F Datasheet
289Kb / 8P
   40W 700mA Dimmable HV LED Driver Module
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
logo
AIMTEC
AMEGR8-1270KZ AIMTEC-AMEGR8-1270KZ Datasheet
247Kb / 2P
   700mA | AC-DC LED driver
AMEGR25-KZ-C1 AIMTEC-AMEGR25-KZ-C1 Datasheet
205Kb / 2P
   700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com