Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG221D-0700040-D2F Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG221D-0700040-D2F
Description  40W 700mA Dimmable HV LED Driver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG221D-0700040-D2F Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG221D-0700040-D2F Datasheet HTML 1Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 2Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 3Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 4Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 5Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 6Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 7Page - Microsemi Corporation LXMG221D-0700040-D2F Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LXMG2203
PRODUCTION DATASHEET
LXMG221D-0700040-D2F
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2011
Rev. 1.1, 2011-12-02
40W 700mA Dimmable HV LED Driver Module
TM
®
Safety & EMC Compliance
UL
Compliance to UL8750 & UL1310 Class 2 File E337545
FCC Title 47, Part 15
Conducted and Radiated Emission, Class B
EN 61000-3-3
Voltage fluctuations and flicker
EN61000-4-2
Electrostatic Discharge Immunity
EN61000-4-3
Radiated Susceptibility test
EN61000-4-4
Electrical Fast Transient
EN61000-4-5 and ANSI C61.42.2
Surge Immunity Test, AC Power Line, Category C Low Exposure (6kV/3kV)
EN61000-4-6
Conducted Susceptibility Immunity test
EN61000-4-8
Power Frequency Magnetic Field Immunity Test
EN61000-4-11
Voltage Dips and Interruption Immunity
Life Expectancy
5 years / 50,000 hours @ 100% duty at maximum case temperature 55°C
MTBF
221,569 hours, case temperature 55°; 121,565 hours case temperature 70°C
Bellcore TR-NWT-332, Issue 6; Method 1, Case 3, Ground Benign
Environmental Standards
EU RoHS, REACH
LEAD DESCRIPTION
Name
Pin #
Description
INPUT TERMINAL LEADS (18AWG)
BLACK
AC LINE
Main Input Power Supply Line 347VAC to 480VAC
WHITE
AC NEUTRAL
Main Input Power Supply Neutral
CONTROL TERMINAL LEADS (22AWG)
PURPLE
BRITE A
Analog Dimming Input (Full Brightness if Open)
GRAY
RETURN
RETURN
BROWN
FAULT
Fault Signal (Low During Whole LED String Short or Open)
OUTPUT TERMINAL LEADS (18AWG)
RED
OUTPUT(+)
LED String Anode Voltage (High Side)
BLUE
OUTPUT(-)
OUTPUT (-) LED Cathode Voltage (Low Side) 700mA
FAULT T ABLE
CONDITION
OUTPUT(- )
FAULT
DRIVER STATUS
COMMEN T
OUTPUT(+) String OUTPUT (-)
(700mA)
ON
Hi-Z
ON
OUTPUT(+) OPEN OUT(-)
OPEN
LOW
OUTPUT(+) Max Voltage
OUTPUT(+) Short OUT(-)
OPEN
LOW
SHUTDOWN
OUTPUT(+) String OUTPUT (-) w/
1 or more LED short
ON
Hi-Z
ON
STAYLIT™
, OUTPUT(+) ≥ 20V
Over Temperature at the Case
Hot Spot
OPEN
LOW
SHUTDOWN
When the temperature goes
down, the module turns on
again (no user intervention)
Power Loss (Blackout) Event
OPEN
LOW
SHUTDOWN
When Power comes back, the
module turns on again (no user
intervention)
BRITE A Shorted TO RETURN or
OUTPUT(-)
OPEN
Hi-Z
SHUTDOWN
BRITE A OPEN (or Resistor >
12kOhm)
ON
Hi-Z
ON


Similar Part No. - LXMG221D-0700040-D2F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG221W-0700030-D0 MICROSEMI-LXMG221W-0700030-D0 Datasheet
277Kb / 8P
   30W 700mA Dimmable LED Driver Module
LXMG221W-0700034-D0 MICROSEMI-LXMG221W-0700034-D0 Datasheet
174Kb / 7P
   34W 700mA Dimmable LED Driver Module
LXMG221W-0700034-D1 MICROSEMI-LXMG221W-0700034-D1 Datasheet
424Kb / 6P
   34W 700mA Dimming LED Driver Module
More results

Similar Description - LXMG221D-0700040-D2F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG221W-0700030-D0 MICROSEMI-LXMG221W-0700030-D0 Datasheet
277Kb / 8P
   30W 700mA Dimmable LED Driver Module
LXMG221W-0700034-D0 MICROSEMI-LXMG221W-0700034-D0 Datasheet
174Kb / 7P
   34W 700mA Dimmable LED Driver Module
LXMG2203 MICROSEMI-LXMG2203 Datasheet
204Kb / 7P
   34W 700mA Dimmable LED Driver Module
logo
Vitec Power
ILPA40JUD-SERIES Vitec-ILPA40JUD-SERIES Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
logo
Microsemi Corporation
LXMG221W-0700034-D1 MICROSEMI-LXMG221W-0700034-D1 Datasheet
424Kb / 6P
   34W 700mA Dimming LED Driver Module
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com