Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2242CDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2242CDRG4
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2242CDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2242CDRG4 Datasheet HTML 1Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 2Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 3Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 4Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 5Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 6Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 7Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 8Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 12 V (unless
otherwise noted)(continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =2 7V
25
°C
2.65
2.68
VCC = 2.7 V
Full range
2.63
VIC = VCC/2,
VCC =5V
25
°C
4.95
4.98
IC
CC ,
IOH = –2 µA
VCC = 5 V
Full range
4.93
VCC =12V
25
°C
11.95
11.98
VOH
High level output voltage
VCC = 12 V
Full range
11.93
V
VOH
High-level output voltage
VCC =2 7V
25
°C
2.62
2.65
V
VCC = 2.7 V
Full range
2.6
VIC = VCC/2,
VCC =5V
25
°C
4.92
4.95
IC
CC ,
IOH = –50 µA
VCC = 5 V
Full range
4.9
VCC =12V
25
°C
11.92
11.95
VCC = 12 V
Full range
11.9
VIC =VCC/2 IOL =2 µA
25
°C
90
150
VOL
Low level output voltage
VIC = VCC/2, IOL = 2 µA
Full range
180
mV
VOL
Low-level output voltage
VIC =VCC/2 IOL =50 µA
25
°C
180
230
mV
VIC = VCC/2, IOL = 50 µA
Full range
260
IO
Output current
VO = 0.5 V from rail
25
°C
±200
µA
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =27Vor5V
25
°C
980
1200
ICC
Supply current (per channel)
VO =VCC/2
VCC = 2.7 V or 5 V
Full range
1500
nA
ICC
Supply current (per channel)
VO = VCC/2
VCC =12V
25
°C
1000
1250
nA
VCC = 12 V
Full range
1550
VCC = 2.7 to 5 V,
25
°C
70
100
dB
Power supply rejection ratio
VCC = 2.7 to 5 V,
VIC = VCC/2 V,
TLV224xC
Full range
65
dB
PSRR
Power supply rejection ratio
(
∆VCC/∆VIO)
No load,
TLV224xI
Full range
60
dB
(
∆VCC/∆VIO)
VCC = 5 to 12 V, VIC = VCC/2 V,
25
°C
70
100
dB
CC
IC
CC
No load
Full range
70
dB
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
‡ Specifications at 5 V are ensured by design and device testing at 2.7 V and 12 V.


Similar Part No. - TLV2242CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2242CDRG4 TI-TLV2242CDRG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2242CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com