Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS401-05I-SO Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IPS401-05I-SO
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401-05I-SO Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IPS401-05I-SO Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS401-05I-SO Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
6 / 18
PARAMETER
TEST CONDITIONS
PARAMETERS
UNITS
@ 25°C unless specified
MIN.
TYP.
MAX.
Supply, bias & circuit protection
Shunt regulator voltage (VCC)
ICC = 10 mA
9.7
10.0
10.3
V
Shunt regulator dynamic
resistance
1 to 30 mA
2
4
6
Ω
Shunt regulator peak
repetitive current (ICC)
--
50
mA
Start-up current (ICC)
-
100
150
μΑ
Under voltage lock-out (VCC)VCC – 2.1
VCC - 1.8
VCC - 1.4
V
Min ICC to ensure continuous
operation
4A, 600V, 20 nC
MOSFET , L= 7 mH
-3
-
mA
Thermal shutdown trip
temperature
-
150
-
°C
Multiplier
Maximum operating voltage
across IS resistor (R9)
See note2
-1.3
-1.2
-1.1
V
COMP voltage range
0
-
3
V
Vline input current operating
range
ICC = 1 to 10 mA
Temp = 0 to 70°C
20
-
600
μA
Bypass capacitor (pin8)
-
1
-
μF
Error amplifier
Reference voltage
ICC = 10 mA
0.48
0.50
0.52
V
Open loop gain
-
85
-
dB
3 dB response
-
200
-
Hz
Output impedance
-
30
-
K
Ω
P & N Outputs to MOSFET gate
P gate driver saturation
10 mA (source)
-
0.3
0.5
V
N gate driver saturation
10 mA (sink)
-
0.2
0.35
V
Gate pull-down resistor
(internal)
30
45
65
K
Ω
PDRIVE Rise time (10% to
90%)
390 pF load
-
100
200
ns
NDRIVE Fall time (10% to
90%)
390 pF load
-
50
100
ns
Max recommended total
external MOSFET charge
--
50
nC
Note1:
Electrical parameters, although guaranteed, are not all 100% tested in production.
Note2:
To avoid damage to pin 2 by the in-rush current, size R2 to limit the input current into the IC to 30mA.
1Kohm to 33Kohm are suitable values for most applications.


Similar Part No. - IPS401-05I-SO

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS4008-03U IPS-IPS4008-03U Datasheet
231Kb / 4P
   High sensitive triggering levels
IPS4008-05U IPS-IPS4008-05U Datasheet
231Kb / 4P
   High sensitive triggering levels
IPS4008-06U IPS-IPS4008-06U Datasheet
231Kb / 4P
   High sensitive triggering levels
IPS4008-08U IPS-IPS4008-08U Datasheet
231Kb / 4P
   High sensitive triggering levels
More results

Similar Description - IPS401-05I-SO

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
   Offline High Brightness White LED Driver Controller
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com