Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IPS20
Description  Precision Feedback Controllers Fixed and PTAT references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IPS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
6 / 12
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING
Characteristics
Value
UNITS
IPS 20 and IPS21 Max ICC (4V shunt regulator)
140
mA
Opto sourcing current with external resistor
20
mA
Operating junction temperature
- 40 to 150
°C
Storage temperature range
- 55 to 150
Lead temperature (3 mm from case for 5 sec.)
260
PARAMETER
TEST CONDITIONS
PARAMETERS
UNITS
Supply, Bias
MIN.
TYP.
MAX.
Shunt regulator voltage
ICC = 1 to 30 mA
3.8
4
4.2
V
Shunt regulator dynamic
resistance (see figure 1)
1 to 50 mA
-
1
3
Ω
Shunt regulator max peak
repetitive current
-
100
-
mA
Min ICC to ensure operation
(internal current)
-
-
600
μΑ
Voltage Regulation
VSENSE threshold (note1)
IOPTO = 500 μA
Zin=10K
Ω
1.17
1.19
1.21
V
VSENSE threshold variation with
temperature
IOPTO= 500 μA, -40°C to +85°C
(see figure 2)
-
+/- 3
+/- 6
mV
Output impedance of VCOMP
-
1
-
K
Ω
Voltage gain to VCOMP
(see figure 7)
-
115
-
dB
Unity gain bandwidth
(see figure 7)
-
500
-
KHz
Phase margin in unity gain
-
82
-
Degrees
VSENSE Input current
-
1.0
μA
Transconductance from VSENSE
to OPTO
@ VCC = 2.5V
(see figure 5)
-
4
-
mA/mV
Max OPTO output sourcing
current without ext. resistor
@ VCC = 5V
(see figure 5)
1.2
-
-
mA
Max OPTO output sourcing
current with ext. resistor
@ VCC = 2.5V
(see figure 3)
10
-
-
mA
Current Limiting
ISENSE threshold (IPS20)
ICC = 1 mA
(see figure 3)
52
54
56
mV
ISENSE threshold variation with
temperature (IPS20)
ICC = 1 mA, -40°C to +85°C
(see figure 3)
-
0.16
-
mV /°C
ISENSE threshold (IPS21)
ICC = 1 mA
(see figure 4)
97
99
101
mV
ISENSE threshold variation with
temperature (IPS21)
ICC = 1 mA, -40°C to +85°C
(see figure 4)
-
3
-
μV/°C
Output impedance of ICOMP
-
1
-
ΚΩ
Voltage gain to ICOMP
(see figure 8)
-
138
-
dB


Similar Part No. - IPS20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041PBF IRF-IPS2041PBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
   PRECISION REFERENCES
LT580 LINER-LT580 Datasheet
200Kb / 4P
   Precision References
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com