Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAC242E.S8A.G.LF.TR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AAC242E.S8A.G.LF.TR
Description  Current Mode PWM Contoller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC242E.S8A.G.LF.TR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AAC242E.S8A.G.LF.TR Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
7 / 8
Ordering PN(1)  
Subgroup  
Description  
Temp. Range  
Package  
Packing Type 
Packing Qty  
AAC242E‐D8A‐G‐LF  
Controller  
Current Mode,         
Offline Thresholds  
Ext. Industrial  
8‐Pin DIP  
Tube 
50 
AAC242A‐D8A‐G‐LF  
Controller  
Current Mode,         
Offline Thresholds  
Automotive  
8‐Pin DIP  
Tube 
50 
AAC242E‐S8A‐G‐LF  
Controller  
Current Mode,         
Offline Thresholds  
Ext. Industrial  
8‐Pin SOIC  
Tube 
98 
AAC242E‐S8A‐G‐LF‐TR  
Controller  
Current Mode,         
Offline Thresholds  
Ext. Industrial  
8‐Pin SOIC  
13” T&R (2)  
2500 
AAC242A‐S8A‐G‐LF  
Controller  
Current Mode,         
Offline Thresholds  
Automotive  
8‐Pin SOIC  
Tube 
98 
AAC242A‐S8A‐G‐LF‐TR  
Controller  
Current Mode,         
Offline Thresholds  
Automotive  
8‐Pin SOIC  
13” T&R (2)  
2500 
AAC242E‐F8A‐G‐LF‐W 
Controller 
Current Mode,         
Offline Thresholds 
Ext. Industrial 
3mmx3mm 
8‐Pin DFN 
Waffle Pack 
TBD 
AC242E‐F8A‐G‐LF‐TR 
Controller 
Current Mode,         
Offline Thresholds 
Ext. Industrial 
3mmx3mm 
8‐Pin DFN 
T&R (2) 
TBD 
AAC242A‐F8A‐G‐LF‐W 
Controller 
Current Mode,         
Offline Thresholds 
Automotive 
3mmx3mm 
8‐Pin DFN 
Waffle Pack 
TBD 
AC242A‐F8A‐G‐LF‐TR 
Controller 
Current Mode,         
Offline Thresholds 
Automotive 
3mmx3mm 
8‐Pin DFN 
T&R (2) 
TBD 
AAC243E‐D8A‐G‐LF  
Controller  
Current Mode,        
Battery Level Thresholds 
Ext. Industrial  
8‐Pin DIP  
Tube 
50 
AAC243A‐D8A‐G‐LF  
Controller  
Current Mode,        
Battery Level Thresholds 
Automotive  
8‐Pin DIP  
Tube 
50 
AAC243E‐S8A‐G‐LF  
Controller  
Current Mode,        
Battery Level Thresholds 
Ext. Industrial  
8‐Pin SOIC  
Tube 
98 
AAC243E‐S8A‐G‐LF‐TR  
Controller  
Current Mode,        
Battery Level Thresholds 
Ext. Industrial  
8‐Pin SOIC  
13” T&R (2)  
2500 
AAC243A‐S8A‐G‐LF  
Controller  
Current Mode,        
Battery Level Thresholds 
Automotive  
8‐Pin SOIC  
Tube 
98 
AAC243A‐S8A‐G‐LF‐TR  
Controller  
Current Mode,        
Battery Level Thresholds 
Automotive  
8‐Pin SOIC  
13” T&R (2)  
2500 
AC243E‐F8A‐G‐LF‐W 
Controller 
Current Mode,        
Battery Level Thresholds 
Ext. Industrial 
3mmx3mm 
8‐Pin DFN 
Waffle Pack 
TBD 
AAC243E‐F8A‐G‐LF‐TR 
Controller 
Current Mode,        
Battery Level Thresholds 
Ext. Industrial 
3mmx3mm 
8‐Pin DFN 
T&R (2) 
TBD 
AC243A‐F8A‐G‐LF‐W 
Controller 
Current Mode,        
Battery Level Thresholds 
Automotive 
3mmx3mm 
8‐Pin DFN 
Waffle Pack 
TBD 
AAC243A‐F8A‐G‐LF‐TR 
Controller 
Current Mode,        
Battery Level Thresholds 
Automotive 
3mmx3mm 
8‐Pin DFN 
T&R (2) 
TBD 
(1) Only RoHS/Lead‐Free Packaging is normally offered.  
(2) T&R ‐ Tape and Reel  
Ordering Information
Package Dimensions and Marking
The AAC242 and AAC243 are available in a plastic 8-pin DIP or SOIC package. Refer to the latest version of
specification AAPS001 (ASIC Advantage’s “Package Numbering, Marking, and Outline Standard”, available at
www.asicadvantage.com) for specific information concerning the package dimensions and package marking.


Similar Part No. - AAC242E.S8A.G.LF.TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   Positive resin, blue coloured bleue, without marbling
AAC22FSLN ETC2-AAC22FSLN Datasheet
583Kb / 2P
   DUAL-EDGE .100 PITCH CONNECTOR
More results

Similar Description - AAC242E.S8A.G.LF.TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
   Current Mode PWM Controller
logo
Fuji Electric
FA13844N-TE1 FUJI-FA13844N-TE1 Datasheet
310Kb / 17P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
logo
AUK corp
S3843P AUK-S3843P Datasheet
300Kb / 7P
   Current Mode PWM Controller
S3882 AUK-S3882 Datasheet
327Kb / 8P
   Current Mode PWM Controller
logo
Microsemi Corporation
SG1846 MICROSEMI-SG1846 Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
logo
Rohm
BD7679G ROHM-BD7679G Datasheet
992Kb / 20P
   PWM current mode method
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com