Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1543QDWREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1543QDWREP
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11ANALOG INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDWREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC1543QDWREP Datasheet HTML 6Page - Texas Instruments TLC1543QDWREP Datasheet HTML 7Page - Texas Instruments TLC1543QDWREP Datasheet HTML 8Page - Texas Instruments TLC1543QDWREP Datasheet HTML 9Page - Texas Instruments TLC1543QDWREP Datasheet HTML 10Page - Texas Instruments TLC1543QDWREP Datasheet HTML 11Page - Texas Instruments TLC1543QDWREP Datasheet HTML 12Page - Texas Instruments TLC1543QDWREP Datasheet HTML 13Page - Texas Instruments TLC1543QDWREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLC1542EP, TLC1543EP
10BIT ANALOGTODIGITAL CONVERTERS WITH
SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS152A − JANUARY 2004 − REVISED FEBRUARY 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.5 V to 5.5 V, I/O CLOCK frequency = 2.1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error (see Note 6)
TLC1542-EP
±0.5
LSB
EL
Linearity error (see Note 6)
TLC1543-EP
±1
LSB
EZS
Zero-scale error (see Note 7)
TLC1542-EP
See Note 2
±1
LSB
EZS
Zero-scale error (see Note 7)
TLC1543-EP
See Note 2
±1
LSB
EFS
Full-scale error (see Note 7)
TLC1542-EP
See Note 2
±1
LSB
EFS
Full-scale error (see Note 7)
TLC1543-EP
See Note 2
±1
LSB
Total unadjusted error (see Note 8)
TLC1542-EP
±1
LSB
Total unadjusted error (see Note 8)
TLC1543-EP
±1
LSB
ADDRESS = 1011
512
Self-test output code (see Table 3 and Note 9)
ADDRESS = 1100
0
Self-test output code (see Table 3 and Note 9)
ADDRESS = 1101
1023
tconv
Conversion time
See timing diagrams
21
µs
tc
Total cycle time (access, sample, and conversion)
See timing diagrams
and Note 10
21
+10 I/O
CLOCK
periods
µs
tacq
Channel acquisition time (sample)
See timing diagrams
and Note 10
6
I/O
CLOCK
periods
tv
Valid time, DATA OUT remains valid after I/O CLOCK
See Figure 6
10
ns
td(I/O-DATA)
Delay time, I/O CLOCK
↓ to DATA OUT valid
See Figure 6
240
ns
td(I/O-EOC)
Delay time, tenth I/O CLOCK
↓ to EOC↓
See Figure 7
70
240
ns
td(EOC-DATA)
Delay time, EOC
↑ to DATA OUT (MSB)
See Figure 8
100
ns
tPZH, tPZL
Enable time, CS
↓ to DATA OUT (MSB driven)
See Figure 3
1.3
µs
tPHZ, tPLZ
Disable time, CS
↑ to DATA OUT (high impedance)
See Figure 3
150
ns
tr(EOC)
Rise time, EOC
See Figure 8
300
ns
tf(EOC)
Fall time, EOC
See Figure 7
300
ns
tr(DATA)
Rise time, data bus
See Figure 6
300
ns
tf(DATA)
Fall time, data bus
See Figure 6
300
ns
td(I/O-CS)
Delay time, tenth I/O CLOCK
↓ to CS↓ to abort conversion
(see Note 11)
9
µs
† All typical values are at TA = 25°C.
NOTES:
6. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
7. Zero-scale error is the difference between 0000000000 and the converted output for zero input voltage; full-scale error is the
difference between 1111111111 and the converted output for full-scale input voltage.
8. Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
9. Both the input address and the output codes are expressed in positive logic.
10. I/O CLOCK period = 1/(I/O CLOCK frequency) (see Figure 6)
11. Any transitions of CS are recognized as valid only if the level is maintained for a setup time plus two falling edges of the internal clock
(1.425
µs) after the transition.


Similar Part No. - TLC1543QDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com