Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC245A-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC245A-EP
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC245A-EP Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC245A-EP Datasheet HTML 1Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 2Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 3Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 4Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 5Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 6Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 7Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 8Page - Texas Instruments SN74LVC245A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVC245A-EP
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS741B – DECEMBER 2003 – REVISED AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
83
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
TA = 25°C
–40
°C to 85°C
UNIT
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
1.7
V
VCC = 2.7 V to 3.6 V
2
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
0.7
V
VCC = 2.7 V to 3.6 V
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
VCC = 2.3 V
–8
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
–12
VCC = 3 V
–24
–24
VCC = 1.65 V
4
4
VCC = 2.3 V
8
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
12
VCC = 3 V
24
24
∆t/∆v
Input transition rise or fall rate
10
10
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVC245A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
866Kb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBLE TI-SN74LVC245ADBLE Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBLE TI-SN74LVC245ADBLE Datasheet
866Kb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245ADBR TI-SN74LVC245ADBR Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC245A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com