Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G99QDCURQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G99QDCURQ1
Description  ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G99QDCURQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G99QDCURQ1 Datasheet HTML 5Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 6Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 7Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 8Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 9Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 10Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 11Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 12Page - Texas Instruments SN74LVC1G99QDCURQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN74LVC1G99-Q1
www.ti.com
SCES828
– JUNE 2011
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
1.65 V
0.79
1.26
VT+
2.3 V
1.11
1.66
Positive-going
3 V
1.5
1.97
V
input threshold
4.5 V
2.16
2.84
voltage
5.5 V
2.61
3.43
1.65 V
0.39
0.72
VT–
2.3 V
0.58
0.97
Negative-
going input
3 V
0.84
1.24
V
threshold
4.5 V
1.41
1.89
voltage
5.5 V
1.87
2.39
1.65 V
0.37
0.72
2.3 V
0.48
0.87
ΔVT
Hysteresis
3 V
0.56
0.97
V
(VT+ – VT–)
4.5 V
0.71
1.14
5.5 V
0.71
1.21
1.65 V to
IOH = –100 μA
VCC – 0.1
5.5 V
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
1.65 V to
IOL = 100 μA
0.1
5.5 V
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.35
VOL
V
IOL = 16 mA
0.45
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.60
II
VI = 5.5 V or GND
0 V to 5.5 V
±5
μA
Ioff
VI or VO = 5.5 V
0 V
±10
μA
1.65 V to
IOZ
VO = VCC or GND
±10
μA
5.5 V
1.65 V to
ICC
VI = 5.5 V or GND,
IO = 0
15
μA
5.5 V
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
μA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Co
VO = VCC or GND
3.3 V
6
pF
(1)
TA = 25°C
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - SN74LVC1G99QDCURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI1-SN74LVC1G99 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99DCTR TI-SN74LVC1G99DCTR Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC1G99QDCURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC1G99 UTC-U74LVC1G99 Datasheet
229Kb / 8P
   ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com