Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX7034 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX7034 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
315MHz/434MHz ASK Superheterodyne
Receiver
5
Typical Operating Characteristics
(
Typical Application Circuit, VDD5 = +5.0V, fRF = 433.92MHz, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.7
4.9
5.1
5.3
5.5
6.6
7.0
6.8
7.2
7.4
7.6
7.8
+105
°C
+125
°C
+85
°C
+25
°C
-40
°C
SUPPLY CURRENT vs. RF FREQUENCY
RF FREQUENCY (MHz)
250
300
350
400
450
500
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
+105
°C
+125
°C
+85
°C
+25
°C
-40
°C
BIT-ERROR RATE
vs. PEAK RF INPUT POWER
PEAK RF INPUT POWER (dBm)
-130
-125
-120
-115
-110
0.01
0.10
1.00
10.00
100.00
315MHz
433.92MHz
SENSITIVITY vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
-120
-118
-116
-114
-112
-110
-108
-106
-104
-102
433.92MHz
315MHz
RSSI vs. RF INPUT POWER
RF INPUT POWER (dBm)
-140 -120 -100
-80
-60
-40
-20
0
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
IF BANDWIDTH = 280kHz
RSSI AND DELTA vs. IF INPUT POWER
IF INPUT POWER (dBm)
MAX7034 toc06
-25
-20
-15
-10
-5
0
5
10
15
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
RSSI
DELTA
LNA/MIXER VOLTAGE GAIN
vs. IF FREQUENCY
IF FREQUENCY (MHz)
0
5
10
15
20
25
30
-5
5
15
25
35
45
55
65
UPPER SIDEBAND
LOWER SIDEBAND
49.7dB
IMAGE
REJECTION
IMAGE REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
280 300 320 340 360 380 400 420 440 460 480
0
10
20
30
40
50
60
fRF = 315MHz
fRF = 433.92MHz
IMAGE REJECTION vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
40
42
44
46
48
50
52
433.92MHz
315MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn