Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAGX-000912-125L00 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MAGX-000912-125L00
Description  GaN on SiC HEMT Pulsed Power Transistor 125W Peak, 960-1215 MHz, 128μs Pulse, 10% Duty
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAGX-000912-125L00 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GaN on SiC HEMT Pulsed Power Transistor
125W Peak, 960-1215 MHz, 128µs Pulse, 10% Duty
MAGX-000912-125L00
Production V1
18 Aug 11
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Test Fixture Impedance
INPUT
NETWORK
Zif
OUTPUT
NETWORK
Zof
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
RF FUNCTIONAL TESTS (VDD = 50V, IDQ = 100mA, 128us / 10% duty, 960-1215MHz)
Input Power
Pout = 125W Peak (12.5W avg)
PIN
-
1.6
2.2
Wpk
Power Gain
Pout = 125W Peak (12.5W avg)
GP
17.5
19.2
-
dB
Drain Efficiency
Pout = 125W Peak (12.5W avg)
ηD
57
62
-
%
Load Mismatch Stability
Pout = 125W Peak (12.5W avg)
VSWR-S
5:1
-
-
-
Load Mismatch Tolerance
Pout = 125W Peak (12.5W avg)
VSWR-T
10:1
-
-
-
F (MHz)
ZIF (Ω)
ZOF (Ω)
960
3.9 - j7.5
7.6 + j2.6
1030
3.7 - j6.6
8.3 + j1.5
1090
3.6 - j5.6
8.2 + j0.8
1150
4.7 - j6.0
8.0 + j0.6
1215
4.1 - j5.5
8.2 + j0.9


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn