Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB-1 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DB-1
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DB-1 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DB-1 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DB-1 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1± 0.1
8.3± 0.1
5± 0.2
Rating to 1000V PRV
Surge overload rating to 40 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
V RRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
10
ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.0 A
VF
V
Maximum reverse current
@T
J=25
μA
at rated DC blocking voltage @T
J=125
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
B40D
B80D
B125D
B250D
B380D
B500D
80
160
250
600
800
1000
1.1
0.5
40
IFSM
A
10.0
S
olderable per MIL-STD-202 method 208
IF(AV)
1.0
Glass passivated chip junctions
A
- 55 ---- + 150
- 55 ---- + 150
IR
VOLTAGE RANGE: 80 --- 1000 V
CURRENT: 1.0 A
56
112
175
420
560
700
80
160
250
600
800
1000
DB - 1
Plastic material has UL flammability classification
Polarity symbols molded on body
Weight: 0.016 ounces,0.45 grams
Dimensions in millimeters
B40D-B500D
Silicon Bridge Rectifiers
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DB-1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DB-1 CDIL-DB-1 Datasheet
145Kb / 3P
   DB-1 Leaded Plastic Package
More results

Similar Description - DB-1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com