Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL5030-122ME Datasheet(PDF) 6 Page - Texas Instruments

Part # XAL5030-122ME
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAL5030-122ME Datasheet(HTML) 6 Page - Texas Instruments

Back Button XAL5030-122ME Datasheet HTML 2Page - Texas Instruments XAL5030-122ME Datasheet HTML 3Page - Texas Instruments XAL5030-122ME Datasheet HTML 4Page - Texas Instruments XAL5030-122ME Datasheet HTML 5Page - Texas Instruments XAL5030-122ME Datasheet HTML 6Page - Texas Instruments XAL5030-122ME Datasheet HTML 7Page - Texas Instruments XAL5030-122ME Datasheet HTML 8Page - Texas Instruments XAL5030-122ME Datasheet HTML 9Page - Texas Instruments XAL5030-122ME Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Current (A)
VIN = 3.3 V
VIN = 5 V
G003
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IOUT = 2.5 A
G004
Test Setup and Results
www.ti.com
2.3
Output Voltage Load Regulation
Figure 3 shows the load regulation for the TPS54519EVM-037.
Figure 3. TPS54519EVM-037 Load Regulation
Measurements are given for an ambient temperature of 25
°C.
2.4
Output Voltage Line Regulation
Figure 4 shows the line regulation for the TPS54519EVM-037.
Figure 4. TPS54519EVM-037 Line Regulation
6
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
SLVU523
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - XAL5030-122ME

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL5030-122ME COILCRAFT-XAL5030-122ME Datasheet
195Kb / 4P
   High Temperature Shielded Power Inductors
XAL5030-122ME COILCRAFT-XAL5030-122ME Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
XAL5030-122ME COILCRAFT-XAL5030-122ME Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
XAL5030-122MEB COILCRAFT-XAL5030-122MEB Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
XAL5030-122MEC COILCRAFT-XAL5030-122MEC Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
More results

Similar Description - XAL5030-122ME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327EVM-686 TI1-TPS54327EVM-686 Datasheet
298Kb / 16P
[Old version datasheet]   3-A, SWIFT??Regulator Evaluation Module
SLVU674 TI1-SLVU674 Datasheet
640Kb / 23P
[Old version datasheet]   TPS5432EVM-116 3-A, SWIFT??Regulator Evaluation
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450 TI-TPS5450 Datasheet
471Kb / 20P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
logo
Recom International Pow...
RPL-3.0-EVM-1 RECOM-RPL-3.0-EVM-1 Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com