Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A225E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A225E
Description  AUTONOMOUS AUDIO HEADSET SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A225E Datasheet(HTML) 1 Page - Texas Instruments

  TS3A225E Datasheet HTML 1Page - Texas Instruments TS3A225E Datasheet HTML 2Page - Texas Instruments TS3A225E Datasheet HTML 3Page - Texas Instruments TS3A225E Datasheet HTML 4Page - Texas Instruments TS3A225E Datasheet HTML 5Page - Texas Instruments TS3A225E Datasheet HTML 6Page - Texas Instruments TS3A225E Datasheet HTML 7Page - Texas Instruments TS3A225E Datasheet HTML 8Page - Texas Instruments TS3A225E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S1
VDD
SCL
SDA
I2C_ADDR_SEL
MICp
MICn / HP_REF
SLEEVE_SENSE
RING2_SENSE
SLEEVE
RING2
GND
Control
Logic
TS3A225E
FET2
FET1
TIP
RING1
MIC_BIAS
MICI
MIC_REF
R1
C1
C2
C3
/MIC_PRESENT
DET_TRIGGER
TIP_SENSE
TS3A225E
www.ti.com
SCDS329
– NOVEMBER 2011
AUTONOMOUS AUDIO HEADSET SWITCH
Check for Samples: TS3A225E
1
FEATURES
APPLICATIONS
VDD Range = 2.7 V to 4.5 V
Mobile Phones/ Tablet PCs
Break Before Make Stereo Jack Switches
Notebook Computers
Ground FET Switches (
<100mΩ)
DESCRIPTION
Autonomous Detection of GND and MIC
The TS3A225E is an audio headset switch device.
Connections
The device detects the presence of an analog
Detection Triggered by I2C or External Trigger
microphone
and
switches
a
system
analog
Pin
microphone pin between different connectors in an
audio stereo jack. The microphone connection in a
HDA Compatible MIC Present Indicator
stereo connector can be swapped with the ground
1.8V Compatible I2C Switch Control
connection depending on manufacturer. When the
ESD Performance Tested Per JESD 22:
TAS3A225E detects a certain configuration, the
– 2000-V Human-Body Model (A114-B, Class
device automatically connects the microphone line to
the appropriate pin. The device also reports the
II)
presence of an analog microphone on an audio
– 500-V Charged-Device Model (C101)
stereo jack.
ESD Performance (SLEEVE, RING2, TIP)
In some systems, it is desirable to connect the stereo
– ±8-kV Contact Discharge (IEC 61000-4-2)
jack pin to ground. The TS3A225E provides two
internal low resistance (
<100mΩ) FET switches for
ground shorting.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
YFF- WCSP
Tape and reel
TS3A225EYFFR
YP225E
–40°C to 85°C
RTE- QFN
Tape and reel
TS3A225ERTER
ZTL
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3A225E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225EYFFR TI1-TS3A225EYFFR Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results

Similar Description - TS3A225E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
C-Media Electronics
CM6400X1 CMEDIA-CM6400X1 Datasheet
1Mb / 43P
   USB Surround Headset Solution with Xear??Gaming Audio Driver
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
   AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
logo
Ultralife Corporation.
SOCOM-X ULTRALIFE-SOCOM-X Datasheet
742Kb / 2P
   Headset Series
20 May 2010 Rev A
logo
celduc-relais
P3S79129 CELDUC-P3S79129 Datasheet
890Kb / 6P
   AUTONOMOUS Safety Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com