Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-5303 Datasheet(PDF) 10 Page - Texas Instruments

Part # SJ-5303
Description  2-A to 6-A Integrated Power Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SJ-5303 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SJ-5303 Datasheet HTML 5Page - Texas Instruments SJ-5303 Datasheet HTML 6Page - Texas Instruments SJ-5303 Datasheet HTML 7Page - Texas Instruments SJ-5303 Datasheet HTML 8Page - Texas Instruments SJ-5303 Datasheet HTML 9Page - Texas Instruments SJ-5303 Datasheet HTML 10Page - Texas Instruments SJ-5303 Datasheet HTML 11Page - Texas Instruments SJ-5303 Datasheet HTML 12Page - Texas Instruments SJ-5303 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
List of Material
www.ti.com
8
List of Material
Table 4. TPS84x10EVM-00x List of Material
(1) (2) (3) (4) (5)
-003
-002
-001
REF DES
DESCRIPTION
Part Number
MFR
1
1
1
C1
Capacitor, ceramic, 10 V, x5R, 10%, 47
µF,
GRM32ER61A476K
Murata
1210
1
1
1
C2
Capacitor, ceramic, 6.3 V, x5R, 20%, 47
µF,
GRM32ER60J476M
Murata
1210
1
1
1
C7
Capacitor, polymer, 10 V, 20%, 220
µF, D3L
10TPE220ML
Sanyo
0
0
0
C8
Capacitor, polymer, 10 V, 20%, 220
µF, D3L
10TPE220ML
Sanyo
1
1
1
C4
Capacitor, polymer, 6.3 V, 20%, 100
µF, B2
6TPE100MPB
Sanyo
0
0
0
C3, C5, C6
Capacitor, ceramic, 0.1
µF, 1210
Std
STD
0
0
0
10
Capacitor, ceramic, 0.01
µF, 0402
STD
STD
2
2
2
J1-2
Header, male 2 x 5 pin, 100-mil spacing, 0.100
PEC05DAAN
Sullins
inch x 5 inch x 2 inch
1
1
1
R3
Resistor, chip, 1/16 W, 1%, 2.87 k
Ω, 0603
STD
STD
1
1
1
R4
Resistor, chip, 1/16 W, 1%, 1.15 k
Ω, 0603
STD
STD
1
1
1
R5
Resistor, chip, 1/16 W, 1%, 681
Ω, 0603
STD
STD
1
1
1
R6
Resistor, chip, 1/16 W, 1%, 464
Ω, 0603
STD
STD
1
1
1
R7
Resistor, chip, 1/16 W, 1%, 348 k
Ω, 0603
STD
STD
1
1
1
R8
Resistor, chip, 1/16 W, 1%, 715 k
Ω, 0603
STD
STD
1
1
1
R9
Resistor, chip, 1/16 W, 1%, 1.2 M
Ω, 0603
STD
STD
1
1
1
R10
Resistor, chip, 1/16 W, 5%, 0
Ω, 0603
STD
STD
1
1
1
R13
Resistor, chip, 1/16 W, 1%, 174 k
Ω, 0603
STD
STD
1
1
1
R14
Resistor, chip, 1/16 W, 1%, 113 k
Ω, 0603
STD
STD
0
0
0
R1, R2, R11,
Resistor, chip, 1/16 W, 1%, 100 k
Ω, 0402
Std
Std
R12
(1)
These assemblies are ESD sensitive, ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(4)
Ref designators marked with an asterisk (
'**') cannot be substituted. All other components can be substituted with equivalent
MFG
's component.
(5)
Install label after final wash. Text shall be 8 pt font. Text shall be per Table 5.
10
TPS84410EVM-001/TPS84210EVM-002/TPS84610EVM-003, 2-A to 6-A
SLUU633A
– September 2011 – Revised February 2012
Integrated Power Solution
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated


Similar Part No. - SJ-5303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SJ-5303 TI1-SJ-5303 Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
SJ-5303 TI-SJ-5303 Datasheet
6Mb / 33P
[Old version datasheet]   TPS38700Q1EVM Voltage Sequencer
REVISED APRIL 2022
More results

Similar Description - SJ-5303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84250EVM-001 TI1-TPS84250EVM-001 Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
TPSM828510 TI1-TPSM828510 Datasheet
2Mb / 31P
[Old version datasheet]   TPSM82851x 2.7-V to 6-V Input, 0.5-A/1-A/2-A Step-Down Power Module With Integrated Inductor
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com