Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117-33C Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV1117-33C
Description  TAS5622-TAS5624DDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117-33C Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV1117-33C Datasheet HTML 10Page - Texas Instruments TLV1117-33C Datasheet HTML 11Page - Texas Instruments TLV1117-33C Datasheet HTML 12Page - Texas Instruments TLV1117-33C Datasheet HTML 13Page - Texas Instruments TLV1117-33C Datasheet HTML 14Page - Texas Instruments TLV1117-33C Datasheet HTML 15Page - Texas Instruments TLV1117-33C Datasheet HTML 16Page - Texas Instruments TLV1117-33C Datasheet HTML 17Page - Texas Instruments TLV1117-33C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
EVM Custom Component Vendors
www.ti.com
Table 4. Bill of Materials for TAS5624DDVEVM (continued)
Manu Part No.
Qty
Ref Des
Vendor Part No.
Description
Vendor
Manu
5018-2
3
PVDD,
565-5018-2
BINDING POST, RED 60V 30A GOLD ROHS
Mouser
Pomona
LOUT+,
ROUT+
SHUNTS
SPC02SYAN
4
JP1, C(1-2),
S9001
SHUNT, BLACK AU FLASH 0.100LS
DigI-Key
Sullins
D(1-2),
M3(1-2)
HEAT SINKS AND HARDWARE
ATSTI1OP-519-C1-R3
1
HS1
ATSTI1OP-519-C1-R3
HEATSINK ALUMINUM ATS 36x78mm
ATS
ATS
36.8mm PITCH ROHS
92000A118
2
HS1
92000A118
PHILIPS PANHEAD SCREW M3x8mm
McMaster-
McMaster-
STAINLESS STEEL ROHS
Carr
Carr
92148A150
2
HS1
92148A150
SPLIT WASHER M3 STAINLESS STEEL
McMaster-
McMaster-
ROHS
Carr
Carr
94868A178
4
NA
94868A178
STANDOFF M3x25mm 4.5mm DIA HEX
McMaster-
McMaster-
STAINLESS STEEL F-F ROHS
Carr
Carr
92000A118
4
NA
92000A118
PHILIPS PANHEAD SCREW M3x8mm
McMaster-
McMaster-
STAINLESS STEEL ROHS
Carr
Carr
92148A150
4
NA
92148A150
SPLIT WASHER M3 STAINLESS STEEL
McMaster-
McMaster-
ROHS
Carr
Carr
Component Count:
163
COMPONENTS NOT ASSEMBLED
CR1, CR2, CR3, CR4, L+, L-, OA, OB, OC, OD, R+, R-, PVDD_AB, PVDD_CD, M1, M2, GNDx2, PSVC
A.1
EVM Custom Component Vendors
TAS5622DDVEVM and TAS5624DDVEVM include inductors and heatsinks from 2 custom component
vendors designed specifically for the EVMs. These vendors carry stock for small orders on their shelves..
Advanced Thermal Solutions (ATS), in Norwood, MA, USA, provide a heatsink optimized for these EVMs,
ATS-TI1OP-519-C1. Information on this heatsink can be obtained from Leonard Alter at lalter@qats.com.
ATS design and manufacture a large line of off-the-shelf and patented high performance heatsinks. They
also design and manufacture research quality thermal test and measurement equipment and offer thermal
evaluation and design services. Information about their products and services is available at
www.qats.com.
Coilcraft, in Cary, IL, USA, provide a 7µH inductor optimized for these EVMs, MA5173-AE. Information on
this component can be found in the data sheet for the MA5172 inductor family at www.coilcraft.com.
Coilcraft make a variety of other inductors for Class D amplifiers, most of which are AEC-Q200 Grade 1
certified for automotive applications. Free evaluation samples and on-line ordering are available at
www.coilcraft.com.
14
Design Information
SLAU376 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TLV1117-33C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-33C TI1-TLV1117-33C Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
TLV1117-33CDCY TI-TLV1117-33CDCY Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33CDCY TI1-TLV1117-33CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33CDCY TI-TLV1117-33CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33CDCYG3 TI-TLV1117-33CDCYG3 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com