Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1627D1G25 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # DAC1627D1G25
Description  Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1627D1G25 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button DAC1627D1G25 Datasheet HTML 2Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 3Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 4Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 5Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 6Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 7Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 8Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 9Page - Integrated Device Technology DAC1627D1G25 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
DAC1627D1G25 3
© IDT 2012. All rights reserved.
Data sheet
Rev. 03 — 2 July 2012
6 of 81
Integrated Device Technology
DAC1627D1G25
Dual 16-bit DAC: up to 1.25 Gsps; x2, x4 and x8 interpolating
[1]
P: power supply; G: ground; I: input; O: output.
[2]
The LVDS input data bus order can be reversed and each element can be swapped between P and N using
dedicated registers (see Table 60).
7. Limiting values
SDIO
51
IO
SPI data input/output
SCLK
52
I
SPI clock
SCS_N
53
I
SPI chip select (active LOW)
RESET_N
54
I
general reset (active LOW)
VDDA(1V8)_D
55
P
1.8 V analog power supply (DAC core)
IOUTBN
56
O
complementary DAC B output current
IOUTBP
57
O
DAC B output current
VDDA(1V8)_D
58
P
1.8 V analog power supply (DAC core)
VDDA(3V3)
59
P
3.3 V analog power supply
AUXBP
60
O
auxiliary DAC B output current
AUXBN
61
O
complementary auxiliary DAC B output current
VDDA(1V8)_P1
62
P
1.8 V analog power supply (PLL)
VIRES
63
IO
DAC biasing resistor
GAPOUT
64
IO
band gap input/output voltage
VDDA(1V8)_P2
65
P
1.8 V analog power supply (PLL)
AUXAN
66
O
complementary auxiliary DAC A output current
AUXAP
67
O
auxiliary DAC A output current
VDDA(3V3)
68
P
3.3 V analog power supply
VDDA1V8_D
69
P
1.8 V analog power supply (DAC core)
IOUTAP
70
O
DAC A output current
IOUTAN
71
O
complementary DAC A output current
VDDA(1V8)_D
72
P
1.8 V analog power supply (DAC core)
GND
H
G
ground (exposed die pad)
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA(3V3) analog supply voltage
(3.3 V)
0.5
+4.6
V
VDDD
digital supply voltage
0.5
+2.5
V
VDDA(1V8) analog supply voltage
(1.8 V)
[1]
0.5
+2.5
V
VI
input voltage
input pins referenced to GND
0.5
+2.5
V
VO
output voltage
pins IOUTAP, IOUTAN,
IOUTBP, IOUTBN, AUXAP,
AUXAN, AUXBP and AUXBN
referenced to GND
0.5
+4.6
V


Similar Part No. - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com