Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1405D650 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # DAC1405D650
Description  Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1405D650 Datasheet(HTML) 5 Page - Integrated Device Technology

  DAC1405D650 Datasheet HTML 1Page - Integrated Device Technology DAC1405D650 Datasheet HTML 2Page - Integrated Device Technology DAC1405D650 Datasheet HTML 3Page - Integrated Device Technology DAC1405D650 Datasheet HTML 4Page - Integrated Device Technology DAC1405D650 Datasheet HTML 5Page - Integrated Device Technology DAC1405D650 Datasheet HTML 6Page - Integrated Device Technology DAC1405D650 Datasheet HTML 7Page - Integrated Device Technology DAC1405D650 Datasheet HTML 8Page - Integrated Device Technology DAC1405D650 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DAC1405D650 5
© IDT 2012. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2012
5 of 41
Integrated Device Technology
DAC1405D650
Dual 14-bit DAC, up to 650 Msps; 2
, 4 and 8 interpolating
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
VDDA(3V3)
1
P
analog supply voltage 3.3 V
AUXAP
2
O
auxiliary DAC B output current
AUXAN
3
O
complementary auxiliary DAC B output current
AGND
4
G
analog ground
VDDA(1V8)
5
P
analog supply voltage 1.8 V
VDDA(1V8)
6
P
analog supply voltage 1.8 V
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKN
9
I
complementary clock input
AGND
10
G
analog ground
VDDA(1V8)
11
P
analog supply voltage 1.8 V
d.n.c.
12
-
do not connect
d.n.c.
13
-
do not connect
TM1
14
I/O
test mode 1 (to connect to DGND)
TM0
15
I/O
test mode 0 (to connect to DGND)
VDD(IO)(3V3)
16
P
input/output buffers supply voltage 3.3 V
GNDIO
17
G
input/output buffers ground
I13
18
I
I data input bit 13 (MSB)
I12
19
I
I data input bit 12
I11
20
I
I data input bit 11
I10
21
I
I data input bit 10
I9
22
I
I data input bit 9
I8
23
I
I data input bit 8
I7
24
I
I data input bit 7
I6
25
I
I data input bit 6
VDDD(1V8)
26
P
digital supply voltage 1.8 V
DGND
27
G
digital ground
I5
28
I
I data input bit 5
I4
29
I
I data input bit 4
I3
30
I
I data input bit 3
I2
31
I
I data input bit 2
VDDD(1V8)
32
P
digital supply voltage 1.8 V
DGND
33
G
digital ground
I1
34
I
I data input bit 1
I0
35
I
I data input bit 0 (LSB)
VDDD(1V8)
36
P
digital supply voltage 1.8 V
DGND
37
G
digital ground
TM2
38
-
test mode 2 (to connect to DGND)
DGND
39
G
digital ground


Similar Part No. - DAC1405D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D650HW NXP-DAC1405D650HW Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Renesas Technology Corp
DAC1405D650HW RENESAS-DAC1405D650HW Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
More results

Similar Description - DAC1405D650

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com