Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34ML01G100TFI010 Datasheet(PDF) 3 Page - SPANSION

Part # S34ML01G100TFI010
Description  Spansion짰 SLC NAND Flash Memory for Embedded
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S34ML01G100TFI010 Datasheet(HTML) 3 Page - SPANSION

  S34ML01G100TFI010 Datasheet HTML 1Page - SPANSION S34ML01G100TFI010 Datasheet HTML 2Page - SPANSION S34ML01G100TFI010 Datasheet HTML 3Page - SPANSION S34ML01G100TFI010 Datasheet HTML 4Page - SPANSION S34ML01G100TFI010 Datasheet HTML 5Page - SPANSION S34ML01G100TFI010 Datasheet HTML 6Page - SPANSION S34ML01G100TFI010 Datasheet HTML 7Page - SPANSION S34ML01G100TFI010 Datasheet HTML 8Page - SPANSION S34ML01G100TFI010 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S34ML01G1_04G1
Revision 10
Issue Date September 6, 2012
Distinctive Characteristics
 Density
– 1 Gbit / 2 Gbit / 4 Gbit
 Architecture
– Input / Output Bus Width: 8-bits / 16-bits
– Page Size:
– x8 = 2112 (2048 + 64) bytes; 64 bytes is spare area
– x16 = 1056 (1024 + 32) words; 32 words is spare area
– Block Size: 64 Pages
– x8 = 128k + 4k bytes
– x16 = 64k + 2k words
– Plane Size:
– 1 Gbit / 2 Gbit: 1024 Blocks per Plane
x8 = 128M + 4M bytes
x16 = 64M + 2M words
– 4 Gbit: 2048 Blocks per Plane
x8 = 256M + 8M bytes
x16 = 128M + 4M words
–Device Size:
– 1 Gbit: 1 Plane per Device or 128 Mbyte
– 2 Gbit: 2 Planes per Device or 256 Mbyte
– 4 Gbit: 2 Planes per Device or 512 Mbyte
 NAND Flash Interface
– Open NAND Flash Interface (ONFI) 1.0 compliant
– Address, Data and Commands multiplexed
 Supply Voltage
– 3.3V device: Vcc = 2.7V ~ 3.6V
 Security
– One Time Programmable (OTP) area
– Serial number (unique ID)
– Hardware program/erase disabled during power transition
 Additional Features
– 2 Gb and 4 Gb parts support Multiplane Program and Erase
commands
– Supports Copy Back Program
– 2 Gb and 4 Gb parts support Multiplane Copy Back Program
– Supports Read Cache
 Electronic Signature
– Manufacturer ID: 01h
 Operating Temperature
– Commercial: 0°C to 70°C
– Extended: -25°C to 85°C
– Industrial: -40°C to 85°C
Performance
 Page Read / Program
– Random access: 25 µs (Max)
– Sequential access: 25 ns (Min)
– Program time / Multiplane Program time: 200 µs (Typ)
 Block Erase (S34ML01G1)
– Block Erase time: 2.0 ms (Typ)
 Block Erase / Multiplane Erase (S34ML02G1, S34ML04G1)
– Block Erase time: 3.5 ms (Typ)
 Reliability
– 100,000 Program / Erase cycles (Typ)
(with 1 bit ECC per 528 bytes (x8) or 264 words (x16))
– 10 Year Data retention (Typ)
– Block zero is a valid block and will be valid for at least 1000
program-erase cycles
 Package Options
– Lead Free and Low Halogen
– 48-Pin TSOP 12 x 20 x 1.2 mm
– 63-Ball BGA 9 x 11 x 1 mm
Spansion
® SLC NAND Flash Memory for
Embedded
1 Gb, 2 Gb, 4 Gb Densities:
1-bit ECC, x8 and x16 I/O, 3V VCC
S34ML01G1, S34ML02G1, S34ML04G1
Data Sheet (Preliminary)


Similar Part No. - S34ML01G100TFI010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
More results

Similar Description - S34ML01G100TFI010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com