Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863IDBQRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7863IDBQRG4
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IDBQRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7863IDBQRG4 Datasheet HTML 1Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 2Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 3Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 4Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 5Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 6Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 7Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 8Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
S/H
Comparator
CDAC
Input
MUX
AV
DD
REF
IN
SAR
S/H
Comparator
CDAC
Input
MUX
REF
OUT
AGND
SAR
10-BitDAC
2.5VReference
CHA0+
CHA0-
CHA1+
CHA1-
BV
DD
SDOA
SDOB
M0
M1
SDI
CLOCK
CS
RD
BUSY
CONVST
BGND
CHB0+
CHB0-
CHB1+
CHB1-
ADS7863
www.ti.com
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
Dual, 2MSPS, 12-Bit, 2 + 2 or 3 + 3 Channel, Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS7863
1
FEATURES
DESCRIPTION
2
Four Fully- or Six Pseudo-Differential Inputs
The
ADS7863
is
a
dual,
12-bit,
2MSPS,
analog-to-digital
converter
(ADC)
with
four
fully
SNR: 71dB, THD: –81dB
differential or six pseudo-differential input channels
Programmable and Buffered Internal 2.5V
grouped into two pairs for high-speed, simultaneous
Reference
signal acquisition. Inputs to the sample-and-hold
Flexible Power-Down Features
(S/H)
amplifiers
are
fully
differential
and
are
maintained differential to the input of the ADC. This
Variable Power-Supply Ranges: 2.7V to 5.5V
architecture
provides
excellent
common-mode
Low-Power Operation: 45mW at 5V
rejection of 72dB at 100kHz, which is a critical
Operating Temperature Range:
performance characteristic in noisy environments.
–40°C to +125°C
The ADS7863 is pin-compatible with the ADS7861,
Pin-Compatible with ADS7861 and ADS8361
but
offers
additional
features
such
as
a
(SSOP package)
programmable
reference
output,
flexible
supply
voltage (2.7V to 5.5V for AVDD and BVDD), a
APPLICATIONS
pseudo-differential
input
multiplexer
with
three
channels per ADC, and several power-down features.
Motor Control
Multi-Axis Positioning Systems
The ADS7863 is offered in an SSOP-24 and a
Three-Phase Power Control
4x4mm QFN-24 package. It is specified over the
extended operating temperature range of –40°C to
+125°C.
Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7863IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863IDBQRG4 TI-ADS7863IDBQRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQRG4 TI1-ADS7863IDBQRG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7863IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com