Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1613D Datasheet(PDF) 36 Page - Integrated Device Technology

Part # ADC1613D
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1613D Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button ADC1613D Datasheet HTML 32Page - Integrated Device Technology ADC1613D Datasheet HTML 33Page - Integrated Device Technology ADC1613D Datasheet HTML 34Page - Integrated Device Technology ADC1613D Datasheet HTML 35Page - Integrated Device Technology ADC1613D Datasheet HTML 36Page - Integrated Device Technology ADC1613D Datasheet HTML 37Page - Integrated Device Technology ADC1613D Datasheet HTML 38Page - Integrated Device Technology ADC1613D Datasheet HTML 39Page - Integrated Device Technology ADC1613D Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
ADC1613D_SER 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
36 of 41
Integrated Device Technology
ADC1613D series
Dual 16-bit ADC: serial JESD204A interface
0
LANE_PD
R/W
lane power-down control:
0
lane is operational
1
lane is in Power-down mode
Table 50.
Lane0_0_Ctrl (address 0870h) …continued
Default values are highlighted.
Bit
Symbol
Access Value
Description
Table 51.
Lane1_0_ctrl (address 0871h)
Default values are highlighted.
Bit
Symbol
Access Value
Description
7
-
-
0
not used
6
SCR_IN_MODE
R/W
defines the input type for scrambler and 8-bit/10-bit units:
0 (reset)
(normal mode) = input of the scrambler and 8-bit/10-bit
units is the output of the frame assembly unit.
1
input of the scrambler and 8-bit/10-bit units is the PRBS
generator (PRBS type is defined with “PRBS_TYPE”
(Ser_PRBS_Ctrl register)
5 to 4 LANE_MODE[1:0]
R/W
defines output type of lane output unit:
00 (reset)
normal mode: lane output is the 8-bit/10-bit output unit
01
constant mode: lane output is set to a constant (0x0)
10
toggle mode: lane output is toggling between 0x0 and 0x1
11
PRBS mode: lane output is the PRBS generator (PRBS type is
defined with “PRBS_TYPE” (Ser_PRBS_Ctrl register)
3
-
-
0
not used
2
LANE_POL
R/W
defines lane polarity:
0
lane polarity is normal
1
lane polarity is inverted
1
LANE_CLK_POS_EDGE
R/W
defines lane clock polarity:
0
lane clock provided to the serializer is active on positive
edge
1
lane clock provided to the serializer is active on negative edge
0
LANE_PD
R/W
lane power-down control:
0
lane is operational
1
lane is in Power-down mode


Similar Part No. - ADC1613D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D065HN NXP-ADC1613D065HN Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
ADC1613D065HN/C1 NXP-ADC1613D065HN/C1 Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
More results

Similar Description - ADC1613D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com