Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863IDBQ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863IDBQ
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IDBQ Datasheet(HTML) 3 Page - Texas Instruments

  ADS7863IDBQ Datasheet HTML 1Page - Texas Instruments ADS7863IDBQ Datasheet HTML 2Page - Texas Instruments ADS7863IDBQ Datasheet HTML 3Page - Texas Instruments ADS7863IDBQ Datasheet HTML 4Page - Texas Instruments ADS7863IDBQ Datasheet HTML 5Page - Texas Instruments ADS7863IDBQ Datasheet HTML 6Page - Texas Instruments ADS7863IDBQ Datasheet HTML 7Page - Texas Instruments ADS7863IDBQ Datasheet HTML 8Page - Texas Instruments ADS7863IDBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ADS7863
www.ti.com
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS7863
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, AVDD to AGND
2.7
5.0
5.5
V
Low voltage levels
2.7
3.6
Supply voltage, BVDD to BGND
V
5V logic levels
4.5
5.0
5.5
Reference input voltage on REFIN
0.5
2.5
2.525
V
Analog differential input voltage (CHXX+) – (CHXX–)
–VREF
+VREF
V
Operating ambient temperature range, TA
–40
+125
°C
DISSIPATION RATINGS
DERATING FACTOR ABOVE
TA ≤ +25°C
TA = +70°C
TA = +85°C
TA = +125°C
PACKAGE
TA = +25°C
POWER RATING
POWER RATING
POWER RATING
POWER RATING
SSOP-24
10mW/°C
1250mW
800mW
650mW
250mW
QFN-24
22mW/°C
2740mW
1750mW
1420mW
540mW
(4mm × 4mm)
THERMAL CHARACTERISTICS
(1)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
SSOP-24
QFN-24
UNIT
Low-K thermal resistance
99.8
45.6
qJA
Junction-to-air thermal resistance
°C/W
High-K thermal resistance
61.0
33.1
qJC
Junction-to-case thermal resistance
23.3
35
°C/W
PDISS
Device power dissipation at AVDD = 5V and BVDD = 3.3V
45.3
45.3
mW
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface-mount packages.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7863


Similar Part No. - ADS7863IDBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863IDBQ BURR-BROWN-ADS7863IDBQ Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863IDBQ TI-ADS7863IDBQ Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQ TI1-ADS7863IDBQ Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQG4 TI-ADS7863IDBQG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQG4 TI1-ADS7863IDBQG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7863IDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com