Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1412D080HN-C1 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ADC1412D080HN-C1
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1412D080HN-C1 Datasheet(HTML) 3 Page - Integrated Device Technology

  ADC1412D080HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1412D080HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ADC1412D_SER 5
© IDT 2012. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2012
3 of 41
Integrated Device Technology
ADC1412D series
Dual 14-bit ADC: CMOS or LVDS DDR digital outputs
6. Pinning information
6.1 CMOS outputs selected
6.1.1 Pinning
6.1.2 Pin description
Fig 2.
Pin configuration with CMOS digital outputs selected
005aaa097
ADC1412D
HVQFN64
Transparent top view
DB7
INBM
INBP
DB6
AGND
DB5
VCMB
DB4
REFBT
DB3
REFBB
DB2
AGND
DB1
CLKM
DB0
CLKP
n.c.
AGND
DAV
REFAB
DA0
REFAT
DA1
VCMA
DA2
AGND
DA3
INAM
DA4
INAP
DA5
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [1]
Description
INAP
1
I
analog input; channel A
INAM
2
I
complementary analog input; channel A
AGND
3
G
analog ground
VCMA
4
O
common-mode output voltage; channel A
REFAT
5
O
top reference; channel A
REFAB
6
O
bottom reference; channel A
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKM
9
I
complementary clock input
AGND
10
G
analog ground
REFBB
11
O
bottom reference; channel B
REFBT
12
O
top reference; channel B


Similar Part No. - ADC1412D080HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1412D080HN/C1 NXP-ADC1412D080HN/C1 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D080HN/C1 NXP-ADC1412D080HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D080HN-C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com