Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1215S Datasheet(PDF) 30 Page - Integrated Device Technology

Part # ADC1215S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1215S Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button ADC1215S Datasheet HTML 26Page - Integrated Device Technology ADC1215S Datasheet HTML 27Page - Integrated Device Technology ADC1215S Datasheet HTML 28Page - Integrated Device Technology ADC1215S Datasheet HTML 29Page - Integrated Device Technology ADC1215S Datasheet HTML 30Page - Integrated Device Technology ADC1215S Datasheet HTML 31Page - Integrated Device Technology ADC1215S Datasheet HTML 32Page - Integrated Device Technology ADC1215S Datasheet HTML 33Page - Integrated Device Technology ADC1215S Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADC1215S_SER 3
© IDT All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
30 of 40
Integrated Device Technology
ADC1215S series
Single 12-bit ADC; input buffer; CMOS or LVDS DDR digital output
Fig 29. Default mode at start-up: SCLK LOW = offset binary; SDIO HIGH = LVDS DDR
Fig 30. Default mode at start-up: SCLK HIGH = two’s complement; SDIO LOW = CMOS
CS
SDIO
(CMOS LVDS DDR)
SCLK
(Data format)
Offset binary, LVDS DDR
default mode at start-up
005aaa063
SDIO
(CMOS LVDS DDR)
SCLK
(Data format)
two's complement, CMOS
default mode at start-up
005aaa064
CS


Similar Part No. - ADC1215S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1215S065HN/C1 NXP-ADC1215S065HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1215S080HN/C1 NXP-ADC1215S080HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1215S105HN/C1 NXP-ADC1215S105HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
More results

Similar Description - ADC1215S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com