Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1213D Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ADC1213D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1213D Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ADC1213D Datasheet HTML 25Page - Integrated Device Technology ADC1213D Datasheet HTML 26Page - Integrated Device Technology ADC1213D Datasheet HTML 27Page - Integrated Device Technology ADC1213D Datasheet HTML 28Page - Integrated Device Technology ADC1213D Datasheet HTML 29Page - Integrated Device Technology ADC1213D Datasheet HTML 30Page - Integrated Device Technology ADC1213D Datasheet HTML 31Page - Integrated Device Technology ADC1213D Datasheet HTML 32Page - Integrated Device Technology ADC1213D Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADC1213D_SER 8
© IDT 2012. All rights reserved.
Product data sheet
Rev. 08 — 2 July 2012
29 of 40
Integrated Device Technology
ADC1213D series
Dual 12-bit ADC; serial JESD204A interface
11.6.4 JESD204A digital control registers
Table 23.
Register Test pattern 1 (address 0014h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 3 -
-
00000
not used
2 to 0 TESTPAT_1[2:0]
R/W
digital test pattern:
000
off
001
mid-scale
010
 FS
011
+ FS
100
toggle ‘1111..1111’/’0000..0000’
101
custom test pattern, to be written in register 0015h and 0016h
110
‘010101...’
111
‘101010...’
Table 24.
Register Test pattern 2 (address 0015h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 0
TESTPAT_2[11:4]
R/W
00000000 custom digital test pattern (bit 11 to 4)
Table 25.
Register Test pattern 3 (address 0016h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 4 TESTPAT_3[3:0]
R/W
0000
custom digital test pattern (bit 3 to 0)
3 to 0 -
-
0000
not used
Table 26.
Ser_Status (address 0801h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
RXSYNC_ERROR
R
0
set to 1 when a synchronization error occurs
6 to 4 RESERVED[2:0]
-
010
reserved
3 to 2 -
-
0
not used
1POR_TST
R
1
power-on-reset
0
RESERVED
-
-
reserved
Table 27.
Ser_Reset (address 0802h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7SW_RST
R/W
0
initiates a software reset of the JESD204Aunit
6 to 4 -
-
000
not used
3FSM_SW_RST
R/W
0
initiates a software reset of the internal state machine of
JESD204A unit
2 to 0 -
-
000
not used


Similar Part No. - ADC1213D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D NXP-ADC1213D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D NXP-ADC1213D Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
   Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
More results

Similar Description - ADC1213D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com