Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1113S125 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # ADC1113S125
Description  Single 11-bit ADC; serial JESD204A interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1113S125 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button ADC1113S125 Datasheet HTML 26Page - Integrated Device Technology ADC1113S125 Datasheet HTML 27Page - Integrated Device Technology ADC1113S125 Datasheet HTML 28Page - Integrated Device Technology ADC1113S125 Datasheet HTML 29Page - Integrated Device Technology ADC1113S125 Datasheet HTML 30Page - Integrated Device Technology ADC1113S125 Datasheet HTML 31Page - Integrated Device Technology ADC1113S125 Datasheet HTML 32Page - Integrated Device Technology ADC1113S125 Datasheet HTML 33Page - Integrated Device Technology ADC1113S125 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADC1113S125 2
© IDT 2012. All rights reserved.
Product data sheet
Rev. 02 — 2 July 2012
30 of 36
Integrated Device Technology
ADC1113S125
Single 11-bit ADC; serial JESD204A interface
Table 34.
Cfg_1_BID (address 0821h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 4 -
-
0000
not used
3 to 0 BID[3:0]
R/W
1010
defines the bank ID – extension to DID
Table 35.
Cfg_3_SCR_L (address 0822h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
SCR
R/W
0
scrambling enabled
6 to 1 -
-
000000
not used
0
L
R/W
0
defines the number of lanes per converter device, minus 1
Table 36.
Cfg_4_F (address 0823h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 3 -
-
00000
not used
2 to 0 F[2:0]
R/W
***
defines the number of octets per frame, minus 1
Table 37.
Cfg_5_K (address 0824h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 5 -
-
000
not used
4 to 0 K[4:0]
R/W
*****
defines the number of frames per multiframe, minus 1
Table 38.
Cfg_6_M (address 0825h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 1 -
-
0000000
not used
0M
R/W
*
defines the number of converters per device, minus 1
Table 39.
Cfg_7_CS_N (address 0826h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7
-
-
0
not used
6
CS[0]
R/W
1
defines the number of control bits per sample, minus 1
5 to 4 -
-
00
not used
3 to 0 N[3:0]
R/W
0001
defines the converter resolution
Table 40.
Cfg_8_Np (address 0827h)
Default values are highlighted.
Bit
Symbol
Access
Value
Description
7 to 5 -
-
000
not used
4 to 0 NP[4:0]
R/W
01111
defines the total number of bits per sample, minus 1


Similar Part No. - ADC1113S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113S125C1 NXP-ADC1113S125C1 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
ADC1113S125HN NXP-ADC1113S125HN Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125HN-C1 RENESAS-ADC1113S125HN-C1 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
More results

Similar Description - ADC1113S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com