Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1015S Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ADC1015S
Description  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1015S Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ADC1015S Datasheet HTML 15Page - Integrated Device Technology ADC1015S Datasheet HTML 16Page - Integrated Device Technology ADC1015S Datasheet HTML 17Page - Integrated Device Technology ADC1015S Datasheet HTML 18Page - Integrated Device Technology ADC1015S Datasheet HTML 19Page - Integrated Device Technology ADC1015S Datasheet HTML 20Page - Integrated Device Technology ADC1015S Datasheet HTML 21Page - Integrated Device Technology ADC1015S Datasheet HTML 22Page - Integrated Device Technology ADC1015S Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ADC1015S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
19 of 40
Integrated Device Technology
ADC1015S series
Single 10-bit ADC; input buffer; CMOS or LVDS DDR digital outputs
The integrated input buffer offers the following advantages:
The kickback effect is avoided - the charge injection and glitches generated by the
S/H input stage are isolated from the input circuitry. So there’s no need for additional
filtering.
The input capacitance is very low and constant over a wide frequency range, which
makes the ADC1015S easy to drive.
The sample phase occurs when the internal clock (derived from the clock signal on pin
CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the
clock signal goes LOW, the stage enters the hold phase and the voltage information is
transmitted to the ADC core.
11.2.2 Transformer
The configuration of the transformer circuit is determined by the input frequency. The
configuration shown in Figure 15 would be suitable for a baseband application.
Fig 14. Input sampling circuit and input buffer
005aaa107
INP
package
ESD
parasitics
switch
Ron = 15 Ω
4 pF
4 pF
sampling
capacitor
sampling
capacitor
switch
Ron = 15 Ω
INM
8
7
internal
clock
internal
clock
INPUT
BUFFER
Fig 15. Single transformer configuration suitable for baseband applications
005aaa108
100 nF
100 nF
100 nF
100 nF
INP
INM
VCM
Analog
input
ADT1-1WT
100 nF
100 nF
50
Ω


Similar Part No. - ADC1015S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1015S NXP-ADC1015S Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1015S065HN/C1 NXP-ADC1015S065HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
ADC1015S080HN/C1 NXP-ADC1015S080HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
ADC1015S105HN/C1 NXP-ADC1015S105HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
More results

Similar Description - ADC1015S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com