Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1010S Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ADC1010S
Description  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1010S Datasheet(HTML) 2 Page - Integrated Device Technology

  ADC1010S Datasheet HTML 1Page - Integrated Device Technology ADC1010S Datasheet HTML 2Page - Integrated Device Technology ADC1010S Datasheet HTML 3Page - Integrated Device Technology ADC1010S Datasheet HTML 4Page - Integrated Device Technology ADC1010S Datasheet HTML 5Page - Integrated Device Technology ADC1010S Datasheet HTML 6Page - Integrated Device Technology ADC1010S Datasheet HTML 7Page - Integrated Device Technology ADC1010S Datasheet HTML 8Page - Integrated Device Technology ADC1010S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ADC1010S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 37
Integrated Device Technology
ADC1010S series
Single 10-bit ADC; CMOS or LVDS DDR digital outputs
4. Ordering information
5. Block diagram
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1010S125HN-C1 125
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-1
ADC1010S105HN-C1 105
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-1
ADC1010S080HN-C1 80
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-1
ADC1010S065HN-C1 65
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-1
Fig 1. Block diagram
ADC1010S
SPI INTERFACE
OUTPUT
DRIVERS
OUTPUT
DRIVERS
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ERROR
CORRECTION AND
DIGITAL
PROCESSING
ADC CORE
10-BIT
PIPELINED
T/H
INPUT
STAGE
INP
OTR
CS
SDIO/ODS
SCLK/DFS
PWD
REFT
CMOS:
D9 to D0
or
LVDS DDR:
D8_D9_M to D0_D1_M
D8_D9_P to D0_D1_P
INM
CLOCK INPUT
STAGE AND DUTY
CYCLE CONTROL
REFB
CLKM
CLKP
SENSE
VREF
VCM
005aaa134
OE
CMOS:
DAV
or
LVDS DDR:
DAVP
DAVM


Similar Part No. - ADC1010S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1010S065HN/C1 NXP-ADC1010S065HN/C1 Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
ADC1010S080HN/C1 NXP-ADC1010S080HN/C1 Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
ADC1010S105HN/C1 NXP-ADC1010S105HN/C1 Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results

Similar Description - ADC1010S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com