Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1006S055H Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ADC1006S055H
Description  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1006S055H Datasheet(HTML) 3 Page - Integrated Device Technology

  ADC1006S055H Datasheet HTML 1Page - Integrated Device Technology ADC1006S055H Datasheet HTML 2Page - Integrated Device Technology ADC1006S055H Datasheet HTML 3Page - Integrated Device Technology ADC1006S055H Datasheet HTML 4Page - Integrated Device Technology ADC1006S055H Datasheet HTML 5Page - Integrated Device Technology ADC1006S055H Datasheet HTML 6Page - Integrated Device Technology ADC1006S055H Datasheet HTML 7Page - Integrated Device Technology ADC1006S055H Datasheet HTML 8Page - Integrated Device Technology ADC1006S055H Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADC1006S055_070_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 30
Integrated Device Technology
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
6. Block diagram
014aaa464
MSB
data
outputs
19
D9
D8
D7
D6
D5
D4
D3
43
42
39
1
5
11
12
VREF
FSREF
SH
DEC
CMADC
6 to 10, 13,
14, 16, 31, 32
n.c.
D2
21
22
23
24
25
26
27
28
29
30
D1
D0
LSB
VCCO
33
IR
34
20
18
CMOS
OUTPUTS
LATCHES
ANALOG-TO-DIGITAL
CONVERTER
CLOCK DRIVER
15
VCCD2
37
VCCD1
41
VCCA4
3
VCCA3
2
VCCA1
36
CLK
35
CLKN
CMOS
OUTPUT
OGND
OVERFLOW/
UNDERFLOW
LATCH
VREF
REFERENCE
CMADC
REFERENCE
CE
OTC
ADC1006S055/070
17
DGND2
38
DGND1
40
AGND4
4
AGND3
44
AGND1
INN
IN
AMP
s
sample -
and - hold
Fig 1. Block diagram


Similar Part No. - ADC1006S055H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1006S055H NXP-ADC1006S055H Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
More results

Similar Description - ADC1006S055H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com